Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDO10C-005W05-SJ Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LDO10C-005W05-SJ
Description  Power enable (5-pin model)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO10C-005W05-SJ Datasheet(HTML) 3 Page - Artesyn Technologies

  LDO10C-005W05-SJ Datasheet HTML 1Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 2Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 3Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDO10C Series Data Sheet
Mechanical Drawings
.071
.050
.410
.650
4X .067
TYP
.160±.010
.030
.131
.34
REF
.055
REF
.062
MAX
.460
.025 .001
SQ PINS TYP
5
1
.071
.050
.410
.650
4X .067
TYP
.160±.010
.030
.131
.34
REF
.055
REF
.062
MAX
.460
.025 .001
SQ PINS TYP
.071
TYP
.050
.067
.650
.410
4X
.035
.580
.545 MAX
.125 TYP
.055 REF
REF
.062
.120 TYP
.025±.001
SQ PIN TYP
6 PLACES
.071
TYP
.050
.067
.410
4X
.035
.580
.545 MAX
.125 TYP
.055 REF
REF
.062
.120 TYP
.025±.001
SQ PIN TYP
6 PLACES
5
1
6
Vertical Mount
Dimensions in inches (mm). Tolerances (unless otherwise specified) 2 Places ±0.030 (±0.76) 3 Places ±0.010 (±0.25)
Pin Assignments
Pin No.
Function
1
Enable
2
Vin
3
Common/RTN
4
Vout
5
Trim
Pin Assignments
Pin No.
Function
1
Enable
2
Vin
3
Common/RTN
4
Vout
5
Trim
6
Mech Pin
Horizontal Mount
Dimensions in inches (mm). Tolerances (unless otherwise specified) 2 Places ±0.030 (±0.76) 3 Places ±0.010 (±0.25)


Similar Part No. - LDO10C-005W05-SJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO10C-005W05-SJ ARTESYN-LDO10C-005W05-SJ Datasheet
651Kb / 20P
   Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
logo
Emerson Network Power
LDO10C-005W05-SJ EMERSON-NETWORKPOWER-LDO10C-005W05-SJ Datasheet
160Kb / 4P
   10 A output current rating
logo
Artesyn Technologies
LDO10C-005W05-SJ ARTESYN-LDO10C-005W05-SJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
More results

Similar Description - LDO10C-005W05-SJ

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DEK-701S SYNERGY-DEK-701S Datasheet
239Kb / 4P
   5-WAY POWER DIVIDER MODEL
logo
Power-One
XWT1205 POWER-ONE-XWT1205 Datasheet
101Kb / 4P
   High Power Package Trim and Enable Pin
logo
Connor-Winfield Corpora...
H51R CONNOR-WINFIELD-H51R Datasheet
64Kb / 1P
   8 PIN DIP HCMOS ENABLE/DISABLE
H61R CONNOR-WINFIELD-H61R Datasheet
58Kb / 1P
   8 PIN DIP HCMOS ENABLE/DISABLE
S61R CONNOR-WINFIELD-S61R Datasheet
59Kb / 1P
   8 PIN DIP HCMOS ENABLE/DISABLE
logo
ATMEL Corporation
AT73C224-E ATMEL-AT73C224-E_14 Datasheet
1Mb / 75P
   Activation of the Power Management Modules via Dedicated Enable Pin
logo
Connor-Winfield Corpora...
H73R CONNOR-WINFIELD-H73R Datasheet
36Kb / 1P
   8 PIN DIP HCMOS ENABLE/DISABLE
logo
API Technologies Corp
QB-910 APITECH-QB-910 Datasheet
98Kb / 2P
   POWER AMPLIFIER MODEL
logo
Connor-Winfield Corpora...
HC51RA CONNOR-WINFIELD-HC51RA Datasheet
59Kb / 1P
   3.3V, 14 PIN DIP HCMOS ENABLE/DISABLE
logo
National Semiconductor ...
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com