Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8504PWADJG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8504PWADJG
Description  Micropower 400 mA LDO Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8504PWADJG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8504PWADJG Datasheet HTML 1Page - ON Semiconductor NCV8504PWADJG Datasheet HTML 2Page - ON Semiconductor NCV8504PWADJG Datasheet HTML 3Page - ON Semiconductor NCV8504PWADJG Datasheet HTML 4Page - ON Semiconductor NCV8504PWADJG Datasheet HTML 5Page - ON Semiconductor NCV8504PWADJG Datasheet HTML 6Page - ON Semiconductor NCV8504PWADJG Datasheet HTML 7Page - ON Semiconductor NCV8504PWADJG Datasheet HTML 8Page - ON Semiconductor NCV8504PWADJG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCV8504 Series
http://onsemi.com
5
PACKAGE PIN DESCRIPTION, ADJUSTABLE OUTPUT
Pin Number
Pin Symbol
Function
1
VADJ
Voltage Adjust. A resistor divider from VOUT to this lead sets the output voltage.
2
VOUT
±2.0%, 400 mA output.
3−6, 11, 12, 14
NC
No connection.
7
VIN
Input Voltage.
8
MON
Monitor. Input to comparator. If not needed connect to VOUT.
9
RADJ
Reset Adjust. If not needed connect to ground.
10
DELAY
Timing capacitor for RESET function.
13
GND
Ground. All GND leads must be connected to Ground.
15
RESET
Active reset (accurate to VOUT ≥ 1.0 V)
16
FLAG
Open collector output from comparator.
NOTE: Tentative pinout for SOW−16 E Pad.
PACKAGE PIN DESCRIPTION, FIXED OUTPUT
Pin Number
Pin Symbol
Function
1
SENSE
Kelvin connection which allows remote sensing of output voltage for improved regulation. If
remote sensing is not desired, connect to VOUT.
2
VOUT
±2.0%, 400 mA output.
3−6, 11, 12, 14
NC
No connection.
7
VIN
Input Voltage.
8
MON
Monitor. Input to comparator. If not needed connect to VOUT.
9
RADJ
Reset Adjust. If not needed connect to ground.
10
DELAY
Timing capacitor for RESET function.
13
GND
Ground. All GND leads must be connected to Ground.
15
RESET
Active reset (accurate to VOUT ≥ 1.0 V)
16
FLAG
Open collector output from comparator.
NOTE: Tentative pinout for SOW−16 E Pad.


Similar Part No. - NCV8504PWADJG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8504PWADJG ONSEMI-NCV8504PWADJG Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
More results

Similar Description - NCV8504PWADJG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com