Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8504PWADJR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8504PWADJR2G
Description  Micropower 400 mA LDO Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8504PWADJR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8504PWADJR2G Datasheet HTML 1Page - ON Semiconductor NCV8504PWADJR2G Datasheet HTML 2Page - ON Semiconductor NCV8504PWADJR2G Datasheet HTML 3Page - ON Semiconductor NCV8504PWADJR2G Datasheet HTML 4Page - ON Semiconductor NCV8504PWADJR2G Datasheet HTML 5Page - ON Semiconductor NCV8504PWADJR2G Datasheet HTML 6Page - ON Semiconductor NCV8504PWADJR2G Datasheet HTML 7Page - ON Semiconductor NCV8504PWADJR2G Datasheet HTML 8Page - ON Semiconductor NCV8504PWADJR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCV8504 Series
http://onsemi.com
3
MAXIMUM RATINGS*{
Rating
Value
Unit
VIN (DC)
−15 to 45
V
Peak Transient Voltage (46 V Load Dump @ VIN = 14 V)
60
V
Operating Voltage
45
V
VOUT (DC)
−0.3 to 16
V
Voltage Range (RESET, FLAG, RADJ, DELAY)
−0.3 to 10
V
Input Voltage Range
MON
VADJ
−0.3 to 10
−0.3 to 16
V
V
ESD Susceptibility
(Human Body Model)
(Machine Model)
4.0
200
kV
V
Junction Temperature, TJ
−40 to +150
°C
Storage Temperature, TS
−55 to 150
°C
Package Thermal Resistance, SOW−16 E PAD:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
16
57
°C/W
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
260 peak (Note 2)
°C
1. 150 second maximum above 217°C.
2. −5°C/+0°C allowable conditions.
*The maximum package power dissipation must be observed.
†During the voltage range which exceeds the maximum tested voltage of VIN, operation is assured, but not specified. Wider limits may apply.
Thermal dissipation must be observed closely.
ELECTRICAL CHARACTERISTICS (IOUT = 1.0 mA, −40°C ≤ TJ ≤ 150°C; VIN = dependent on voltage option (Note 3);
unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage for 2.5 V Option
(VO)
6.5 V < VIN < 16 V, 1.0 mA ≤ IOUT ≤ 400 mA
4.5 V < VIN < 26 V, 1.0 mA ≤ IOUT ≤ 400 mA
2.450
2.425
2.5
2.5
2.550
2.575
V
V
Output Voltage for 3.3 V Option
(VO)
7.3 V < VIN < 16 V, 1.0 mA ≤ IOUT ≤ 400 mA
4.5 V < VIN < 26 V, 1.0 mA ≤ IOUT ≤ 400 mA
3.234
3.201
3.3
3.3
3.366
3.399
V
V
Output Voltage for 5.0 V Option
(VO)
9.0 V < VIN < 16 V, 1.0 mA ≤ IOUT ≤ 400 mA
6.0 V < VIN < 26 V, 1.0 mA ≤ IOUT ≤ 400 mA
4.90
4.85
5.0
5.0
5.10
5.15
V
V
Output Voltage for Adjustable Option
(VO)
VOUT = VADJ (Unity Gain)
6.5 V < VIN < 16 V, 1.0 mA < IOUT < 400 mA
4.5 V < VIN < 26 V, 1.0 mA < IOUT < 400 mA
1.274
1.261
1.300
1.306
1.326
1.339
V
V
Dropout Voltage (VIN − VOUT)
(5.0 V and Adj. > 5.0 V Options Only)
IOUT = 400 mA
IOUT = 1.0 mA
400
30
600
150
mV
mV
Load Regulation
VIN = 14 V, 5.0 mA ≤ IOUT ≤ 400 mA
−30
5.0
30
mV
Line Regulation (2.5 V, 3.3 V, and
Adjustable Options)
4.5 V < VIN < 26 V, IOUT = 1.0 mA
5.0
25
mV
Line Regulation (5.0 V Option)
6.0 V < VIN < 26 V, IOUT = 1.0 mA
5.0
25
mV
Quiescent Current, (IQ) Active Mode
IOUT = 100 μA, VIN = 12 V, Delay = 3.0 V, MON = 3.0 V
IOUT = 75 mA, VIN = 14 V, Delay = 3.0 V, MON = 3.0 V
IOUT ≤ 400 mA, VIN = 14 V, Delay = 3.0 V, MON = 3.0 V
100
2.5
25
150
5.0
45
μA
mA
mA
Current Limit
425
800
mA
Short Circuit Output Current
VOUT = 0 V
100
500
mA
Thermal Shutdown
(Guaranteed by Design)
150
180
°C
3. Voltage range specified in the Output Stage of the Electrical Characteristics in boldface type.


Similar Part No. - NCV8504PWADJR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8504PWADJR2G ONSEMI-NCV8504PWADJR2G Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
More results

Similar Description - NCV8504PWADJR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com