Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8504PW25G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8504PW25G
Description  Micropower 400 mA LDO Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8504PW25G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8504PW25G Datasheet HTML 1Page - ON Semiconductor NCV8504PW25G Datasheet HTML 2Page - ON Semiconductor NCV8504PW25G Datasheet HTML 3Page - ON Semiconductor NCV8504PW25G Datasheet HTML 4Page - ON Semiconductor NCV8504PW25G Datasheet HTML 5Page - ON Semiconductor NCV8504PW25G Datasheet HTML 6Page - ON Semiconductor NCV8504PW25G Datasheet HTML 7Page - ON Semiconductor NCV8504PW25G Datasheet HTML 8Page - ON Semiconductor NCV8504PW25G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2010
May, 2010 − Rev. 22
1
Publication Order Number:
NCV8504/D
NCV8504 Series
Micropower 400 mA LDO
Linear Regulators with
DELAY, Adjustable RESET,
and General Use Comparator
The NCV8504 is a family of precision micropower voltage
regulators. Their output current capability is 400 mA. The family has
output voltage options for Adjustable, 2.5 V, 3.3 V and 5.0 V.
The output voltage is accurate within
± 2.0% with a maximum
dropout voltage of 0.6 V at 400 mA. Low quiescent current is a feature
drawing only 100
μA with a 100 μA load. This part is ideal for any and
all battery operated microprocessor equipment.
Microprocessor control logic includes an active RESET (with
DELAY).
The active RESET circuit operates correctly at an output voltage as
low as 1.0 V. The RESET function is activated during the power up
sequence or during normal operation if the output voltage drops below
the regulation limits.
The reset threshold voltage can be decreased by the connection of
external resistor divider to RADJ lead.
The general use comparator (FLAG/Monitor) is referenced to a
temperature stable voltage and provides 1 mA of drive current at its
open collector output.
The regulator is protected against reverse battery, short circuit, and
thermal overload conditions. The device can withstand load dump
transients making it suitable for use in automotive environments. The
device has also been optimized for EMC conditions.
Features
Output Voltage Options: Adjustable, 2.5 V, 3.3 V, 5.0 V
± 2.0% Output
Low 100 μA Quiescent Current
Fixed or Adjustable Output Voltage
Active RESET
Adjustable Reset
400 mA Output Current Capability
Fault Protection
+60 V Peak Transient Voltage
−15 V Reverse Voltage
Short Circuit
Thermal Overload
General Use Comparator
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
AEC Qualified
PPAP Capable
These are Pb−Free Devices
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
x
= Voltage Ratings as Indicated Below:
A = Adjustable
2 = 2.5 V
3 = 3.3 V
5 = 5.0 V
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
G
= Pb−Free Device
http://onsemi.com
MARKING
DIAGRAM
SOIC 16 LEAD
WIDE BODY
EXPOSED PAD
PDW SUFFIX
CASE 751AG
1
16
NCV8504x
AWLYYWWG
1
16


Similar Part No. - NCV8504PW25G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8504PW25G ONSEMI-NCV8504PW25G Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
More results

Similar Description - NCV8504PW25G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com