Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8502D50G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8502D50G
Description  Micropower 150 mA LDO Linear Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8502D50G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8502D50G Datasheet HTML 1Page - ON Semiconductor NCV8502D50G Datasheet HTML 2Page - ON Semiconductor NCV8502D50G Datasheet HTML 3Page - ON Semiconductor NCV8502D50G Datasheet HTML 4Page - ON Semiconductor NCV8502D50G Datasheet HTML 5Page - ON Semiconductor NCV8502D50G Datasheet HTML 6Page - ON Semiconductor NCV8502D50G Datasheet HTML 7Page - ON Semiconductor NCV8502D50G Datasheet HTML 8Page - ON Semiconductor NCV8502D50G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2008
October, 2008 − Rev. 31
1
Publication Order Number:
NCV8502/D
NCV8502 Series
Micropower 150 mA LDO
Linear Regulators with
DELAY, Adjustable RESET,
and Monitor FLAG
The NCV8502 is a family of precision micropower voltage
regulators. Their output current capability is 150 mA. The family has
output voltage options for adjustable, 2.5 V, 3.3 V, 5.0 V, 8.0 V, and 10 V.
The output voltage is accurate within
±2.0% with a maximum
dropout voltage of 0.6 V at 150 mA. Low quiescent current is a feature
drawing only 90
mA with a 100 mA load. This part is ideal for any and
all battery operated microprocessor equipment.
Microprocessor control logic includes an active RESET (with
DELAY), and a FLAG monitor which can be used to provide an early
warning signal to the microprocessor of a potential impending RESET
signal. The use of the FLAG monitor allows the microprocessor to
finish any signal processing before the RESET shuts the
microprocessor down.
The active RESET circuit operates correctly at an output voltage as
low as 1.0 V. The RESET function is activated during the power up
sequence or during normal operation if the output voltage drops
outside the regulation limits.
The reset threshold voltage can be decreased by the connection of
external resistor divider to RADJ lead.
The regulator is protected against reverse battery, short circuit, and
thermal overload conditions. The device can withstand load dump
transients making it suitable for use in automotive environments. The
device has also been optimized for EMC conditions.
Features
Output Voltage Options: Adjustable, 2.5 V, 3.3 V, 5.0 V, 8.0 V, 10 V
±2.0% Output
Low 90 mA Quiescent Current
Fixed or Adjustable Output Voltage
Active RESET
Adjustable Reset
150 mA Output Current Capability
Fault Protection
+60 V Peak Transient Voltage
−15 V Reverse Voltage
Short Circuit
Thermal Overload
Early Warning through FLAG/MON Leads
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
AEC Qualified
PPAP Capable
These are Pb−Free Devices
SO−8
D SUFFIX
CASE 751
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
SOIC 16 LEAD
WIDE BODY
EXPOSED PAD
PDW SUFFIX
CASE 751AG
1
16
http://onsemi.com
MARKING DIAGRAMS
SOW−16
E PAD
SO−8
x
= Voltage Ratings as Indicated Below:
A = Adjustable
2 = 2.5 V
3 = 3.3 V
5 = 5.0 V
8 = 8.0 V
0 = 10 V
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Device
1
16
8502x
AWLYYWWG
8502x
ALYW
G
1
8
1
8


Similar Part No. - NCV8502D50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502D50G ONSEMI-NCV8502D50G Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results

Similar Description - NCV8502D50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com