Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8502PDW50G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8502PDW50G
Description  Micropower 150 mA LDO Linear Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8502PDW50G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8502PDW50G Datasheet HTML 1Page - ON Semiconductor NCV8502PDW50G Datasheet HTML 2Page - ON Semiconductor NCV8502PDW50G Datasheet HTML 3Page - ON Semiconductor NCV8502PDW50G Datasheet HTML 4Page - ON Semiconductor NCV8502PDW50G Datasheet HTML 5Page - ON Semiconductor NCV8502PDW50G Datasheet HTML 6Page - ON Semiconductor NCV8502PDW50G Datasheet HTML 7Page - ON Semiconductor NCV8502PDW50G Datasheet HTML 8Page - ON Semiconductor NCV8502PDW50G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCV8502 Series
http://onsemi.com
3
MAXIMUM RATINGS* (continued)
Rating
Symbol
Value
Unit
Input Voltage Range (MON, VADJ, RADJ)
−0.3 to 10
V
ESD Susceptibility (Human Body Model)
2.0
kV
Junction Temperature
TJ
−40 to +150
°C
Storage Temperature
TS
−55 to 150
°C
Package Thermal Resistance, SO−8:
Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
45
165
°C/W
°C/W
Package Thermal Resistance, SOW−16 E PAD:
Junction−to−Case
Junction−to−Ambient
Junction−to−Pin (Note 1)
RqJC
RqJA
RqJP
15
56
35
°C/W
°C/W
°C/W
Lead Temperature Soldering: SMD style only, Reflow (Note 2)
Pb−Free Part 60 − 150 sec above 217°C, 40 sec max at peak
SLD
265 peak
°C
1. Measured to pin 16.
2. Per IPC / JEDEC J−STD−020C.
*During the voltage range which exceeds the maximum tested voltage of VIN, operation is assured, but not specified. Wider limits may apply.
Thermal dissipation must be observed closely.
ELECTRICAL CHARACTERISTICS (IOUT = 1.0 mA, −40°C ≤ TJ ≤ 150°C; VIN = dependent on voltage option (Note 3); unless
otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage for 2.5 V Option
6.5 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA
5.5 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
2.450
2.425
2.5
2.5
2.550
2.575
V
V
Output Voltage for 3.3 V Option
7.3 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA
5.5 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
3.234
3.201
3.3
3.3
3.366
3.399
V
V
Output Voltage for 5.0 V Option
9.0 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA
6.0 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
4.90
4.85
5.0
5.0
5.10
5.15
V
V
Output Voltage for 8.0 V Option
9.0 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
7.76
8.0
8.24
V
Output Voltage for 10 V Option
11 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
9.7
10
10.3
V
V
Output Voltage for Adjustable
Option
VOUT = VADJ (Unity Gain)
6.5 V < VIN < 16 V, 100 mA < IOUT < 150 mA
5.5 V < VIN < 26 V, 100 mA < IOUT < 150 mA
1.254
1.242
1.280
1.280
1.306
1.318
V
V
Dropout Voltage (VIN − VOUT)
(5.0 V, 8.0 V, 10 V and
Adj. > 5.0 V Options Only)
IOUT = 150 mA
IOUT = 1.0 mA
400
100
600
150
mV
mV
Load Regulation
VIN = 14 V, 5.0 mA ≤ IOUT ≤ 150 mA
−30
5.0
30
mV
Line Regulation
[VOUT(Typ) + 1.0] < VIN < 26 V, IOUT = 1.0 mA
15
60
mV
Quiescent Current, Low Load
2.5 V Option
3.3 V Option
5.0 V Option
8.0 V Option
10 V Option
Adjustable Option
IOUT = 100 mA, VIN = 12 V, MON = VOUT
90
90
90
100
100
50
125
125
125
150
150
75
mA
mA
mA
mA
mA
mA
Quiescent Current, Medium Load
All Options
IOUT = 75 mA, VIN = 14 V, MON = VOUT
4.0
6.0
mA
Quiescent Current, High Load
All Options
IOUT = 150 mA, VIN = 14 V, MON = VOUT
12
19
mA
Current Limit
151
300
mA
3. Voltage range specified in Output Stage of the Electrical Characteristics in boldface type.


Similar Part No. - NCV8502PDW50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502PDW50G ONSEMI-NCV8502PDW50G Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results

Similar Description - NCV8502PDW50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com