Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8560MN500R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8560MN500R2G
Description  High Performance Low-Power, LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560MN500R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8560MN500R2G Datasheet HTML 4Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 5Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 6Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 7Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 8Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 9Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 10Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 11Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NCV8560
http://onsemi.com
8
TYPICAL CHARACTERISTICS
1.5 V
1.8 V
Figure 19. Ground Current (Sleep Mode) vs.
Temperature
Figure 20. Ground Current (Run Mode) vs.
Temperature
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
110
85
60
35
10
−15
−40
0
1.0
2.0
3.0
5.0
6.0
120
100
60
40
20
0
−20
−40
90
98
106
114
138
154
Figure 21. Ground Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
5.0
4.0
3.0
2.0
1.0
0
0
20
60
80
120
160
Figure 22. Ground Current vs. Output Current
Figure 23. ADJ Input Bias Current vs. Temperature
Iout, OUTPUT CURRENT (mA)
TA, AMBIENT TEMPERATURE (C)
150
125
100
75
50
25
0
98
99
100
101
102
104
105
106
120
100
80
40
20
0
−20
−40
0
200
300
400
125
6.0
ENABLE = 0 V
Iout = 1.0 mA
Iout = 150 mA
4.0
ENABLE = 0.9 V
80
146
40
100
103
Vout = ADJ
Vin = 1.75 V
60
100
122
130
Iout = 1.0 mA
Iout = 150 mA
Vout = 5.0 V
Vout = 1.25 V
140
2.8 V
3.0 V
3.3 V
5.0 V
1.25 V


Similar Part No. - NCV8560MN500R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8560MN500R2G ONSEMI-NCV8560MN500R2G Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560MN500R2G ONSEMI-NCV8560MN500R2G Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
More results

Similar Description - NCV8560MN500R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCV8560 ONSEMI-NCV8560_17 Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238_08 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
ON Semiconductor
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com