Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8560MN500R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8560MN500R2G
Description  High Performance Low-Power, LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560MN500R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8560MN500R2G Datasheet HTML 7Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 8Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 9Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 10Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 11Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 12Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 13Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 14Page - ON Semiconductor NCV8560MN500R2G Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NCV8560
http://onsemi.com
11
DEFINITIONS
Load Regulation
The change in output voltage for a change in output load
current at a constant temperature.
Dropout Voltage
The input/output differential at which the regulator output
no longer maintains regulation against further reductions in
input voltage. Measured when the output drops 2% below its
nominal. The junction temperature, load current, and
minimum input supply requirements affect the dropout level.
Output Noise Voltage
This is the integrated value of the output noise over a
specified frequency range. Input voltage and output load
current are kept constant during the measurement. Results
are expressed in
mVrms or nV/Hz.
Ground Current
Ground Current (IGND) is the current that flows through
the ground pin when the regulator operates with a load on its
output. This consists of internal IC operation, bias, etc. It is
actually the difference between the input current (measured
through the LDO input pin) and the output load current. If
the regulator has an input pin that reduces its internal bias
and shuts off the output (enable/disable function), this term
is called the disable current (IDIS).
Line Regulation
The change in output voltage for a change in input voltage.
The measurement is made under conditions of low
dissipation or by using pulse techniques such that the
average junction temperature is not significantly affected.
Line Transient Response
Typical output voltage overshoot and undershoot
response when the input voltage is excited with a given
slope.
Load Transient Response
Typical output voltage overshoot and undershoot
response when the output current is excited with a given
slope between no−load and full−load conditions.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated at typically 175C,
the regulator turns off. This feature is provided to prevent
failures from accidental overheating.
Maximum Package Power Dissipation
The power dissipation level at which the junction
temperature reaches its maximum operating value.
APPLICATIONS INFORMATION
The NCV8560 series regulator is self−protected with
internal thermal shutdown and internal current limit. Typical
application circuits are shown in Figures 4 and 5.
Input Decoupling (Cin)
A ceramic or tantalum 1.0
mF capacitor is recommended
and should be connected close to the NCV8560 package.
Higher capacitance and lower ESR will improve the overall
line transient response.
Output Decoupling (Cout)
The NCV8560 is a stable component and does not require
a minimum Equivalent Series Resistance (ESR) for the
output capacitor. The minimum output decoupling value is
1.0
mF and can be augmented to fulfill stringent load
transient requirements. The regulator works with ceramic
chip capacitors as well as tantalum devices. Larger values
improve noise rejection and load regulation transient
response. Figure 30 shows the stability region for a range of
operating conditions and ESR values.
No−Load Regulation Considerations
The NCV8560 adjustable regulator will operate properly
under conditions where the only load current is through the
resistor divider that sets the output voltage. However, in the
case where the NCV8560 is configured to provide a 1.250
V output, there is no resistor divider. If the part is enabled
under no−load conditions, leakage current through the pass
transistor at junction temperatures above 85C can approach
several microamps, especially as junction temperature
approaches 150C. If this leakage current is not directed into
a load, the output voltage will rise up to a level
approximately 20 mV above nominal.
The NCV8560 contains an overshoot clamp circuit to
improve transient response during a load current step
release. When output voltage exceeds the nominal by
approximately 20 mV, this circuit becomes active and
clamps the output from further voltage increase. Tying the
ENABLE pin to Vin will ensure that the part is active
whenever the supply voltage is present, thus guaranteeing
that the clamp circuit is active whenever leakage current is
present.
When the NCV8560 adjustable regulator is disabled, the
overshoot clamp circuit becomes inactive and the pass
transistor leakage will charge any capacitance on Vout. If no
load is present, the output can charge up to within a few
millivolts of Vin. In most applications, the load will present
some impedance to Vout such that the output voltage will be
inherently clamped at a safe level. A minimum load of
10
mA is recommended.


Similar Part No. - NCV8560MN500R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8560MN500R2G ONSEMI-NCV8560MN500R2G Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560MN500R2G ONSEMI-NCV8560MN500R2G Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
More results

Similar Description - NCV8560MN500R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCV8560 ONSEMI-NCV8560_17 Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238_08 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
ON Semiconductor
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com