Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8605MN30T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8605MN30T2G
Description  CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8605MN30T2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8605MN30T2G Datasheet HTML 1Page - ON Semiconductor NCV8605MN30T2G Datasheet HTML 2Page - ON Semiconductor NCV8605MN30T2G Datasheet HTML 3Page - ON Semiconductor NCV8605MN30T2G Datasheet HTML 4Page - ON Semiconductor NCV8605MN30T2G Datasheet HTML 5Page - ON Semiconductor NCV8605MN30T2G Datasheet HTML 6Page - ON Semiconductor NCV8605MN30T2G Datasheet HTML 7Page - ON Semiconductor NCV8605MN30T2G Datasheet HTML 8Page - ON Semiconductor NCV8605MN30T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCV8605, NCV8606
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Vin = (Vout + 0.5 V) or 1.5 V, whichever is higher, Cin = 1 mF, Cout = 1 mF, for typical values TA = 25C, for min/max values TA = −40C to
85C; unless otherwise noted.) (Notes 9 and 10)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Output voltage (Adjustable Version)
Vin = 1.75 V to 6 V
Iout = 1 mA to 500 mA
Vout
1.231
(−1.5%)
1.250
1.269
(+1.5%)
V
Output voltage (Fixed Versions)
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
Vin = (Vout + 0.5 V) to 6 V
Iout = 1 mA to 500 mA
Vout
1.470
1.764
2.450
2.744
2.940
3.234
4.900
(−2%)
1.5
1.8
2.5
2.8
3.0
3.3
5.0
1.530
1.836
2.550
2.856
3.060
3.366
5.100
(+2%)
V
Line regulation
Vin = (Vout + 0.5 V) to 6 V, Iout = 1 mA
Regline
4
10
mV
Load regulation
Iout = 1 mA to 500 mA
Regload
10
30
mV
Dropout voltage (Adjustable Version)
(Note 9)
VDO = Vin − Vout
Vout = 1.25 V
Iout = 500 mA
VDO
450
470
mV
Dropout voltage (Fixed Version)
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
VDO = Vin − (Vout − 0.1 V)
Iout = 500 mA
Vout = 0 V to 90% Vout(nom)
VDO
290
250
200
190
180
170
150
360
300
250
240
230
220
200
mV
Disable Current (NCV8606 Only) (Note 10)
VEN = 0 V
IDIS
0.1
1
mA
Ground Current
Iout = 1 mA to 500 mA
IGND
145
180
mA
Current Limit (Note 11)
Vout = Vout(nom) − 10 %
ILIM
675
mA
Output Short Circuit Current
Vout = 0 V
ISC
700
1000
1350
mA
Enable Input Threshold Voltage
(NCV8606 Only)
Voltage Increasing, Logic High
Voltage Decreasing, Logic Low
High
Low
Vth(EN)
0.9
0.4
V
Turn−on Time (Note 11)
1.25 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
Vin = 0 V to (Vout + 0.5 V) or 1.75 V,
whichever is higher
Vout = 0 V to 90% of Vout(nom)
ton
6
6
7
8
10
12
15
30
ms
Enable Time (NCV8606 Only) (Note 11)
1.25 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
VEN = From 0 V to Vin
tEN
12
12
13
16
18
19
20
30
ms
7. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
8. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
9. Maximum dropout voltage is limited to minimum input voltage Vin = 1.7 V recommended for guaranteed operation at maximum output
current.
10.Refer to application information section.
11. Values based on design and/or characterization.


Similar Part No. - NCV8605MN30T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8605MN30T2G ONSEMI-NCV8605MN30T2G Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
More results

Similar Description - NCV8605MN30T2G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
   2A CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
   2A CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com