Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8606MN28T2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8606MN28T2G
Description  CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8606MN28T2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8606MN28T2G Datasheet HTML 2Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 3Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 4Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 5Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 6Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 7Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 8Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 9Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCV8605, NCV8606
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Output Voltage vs. Temperature
(Vout = 1.25 V)
1.231
1.234
1.237
1.240
1.243
1.246
1.249
1.252
1.255
1.258
1.261
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (C)
Vin = Vout + 0.5 V = 1.75 V
Vin = 6.0 V
Vout = 1.25 V
Iout = 1 mA
Figure 10. Output Voltage vs. Temperature
(Vout = 2.5 V)
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (C)
Vin = Vout + 0.5 V = 3.0 V
Vin = 6.0 V
Figure 11. Output Voltage vs. Temperature
(Vout = 5.0 V)
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (C)
Vin = 6.0 V
Vin = Vout + 0.5 V = 5.5 V
Figure 12. Dropout Voltage vs. Temperature
(Vout = 2.5 V)
0
30
60
90
120
150
180
210
240
270
300
TA, AMBIENT TEMPERATURE (C)
Iout = 500 mA
Iout = 300 mA
Iout = 150 mA
Figure 13. Dropout Voltage vs. Temperature
(Vout = 5.0 V)
0
20
40
60
80
100
120
140
160
180
200
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (C)
Iout = 150 mA
Iout = 300 mA
Iout = 500 mA
Figure 14. Ground Current vs. Temperature
80
90
100
110
120
130
140
150
160
170
180
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (C)
Vout = 5.0 V
Vout = 2.5 V
Vout = 1.25 V
Vin = Vout + 0.5 V
Iout = 500 mA
Vout = 5.0 V
Iout = 1 mA
Vout = 2.5 V
Vout = 5.0 V
1.264
1.267
120 140
Vout = 2.5 V
Iout = 1 mA
120 140
120
140
−40
−20
0
20
40
60
80 100
120 140
120 140
120 140


Similar Part No. - NCV8606MN28T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8606MN28T2G ONSEMI-NCV8606MN28T2G Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
More results

Similar Description - NCV8606MN28T2G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
   2A CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
   2A CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com