Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV887103D1R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV887103D1R2G
Description  Automotive Grade Non-Synchronous Boost Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887103D1R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV887103D1R2G Datasheet HTML 3Page - ON Semiconductor NCV887103D1R2G Datasheet HTML 4Page - ON Semiconductor NCV887103D1R2G Datasheet HTML 5Page - ON Semiconductor NCV887103D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887103D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887103D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887103D1R2G Datasheet HTML 9Page - ON Semiconductor NCV887103D1R2G Datasheet HTML 10Page - ON Semiconductor NCV887103D1R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCV8871
www.onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
0
1
2
3
4
5
6
7
010
20
30
40
VIN, INPUT VOLTAGE (V)
Figure 2. Sleep Current vs. Input Voltage
TJ = 25°C
3.5
4.0
4.5
5.0
5.5
0
200
400
600
800
1000
TJ = 25°C,
VIN = 13.2 V
fs, SWITCHING FREQUENCY (kHz)
Figure 3. Quiescent Current vs. Switching
Frequency
Figure 4. Sleep Current vs. Temperature
3.00
3.05
3.10
3.15
3.20
3.25
3.30
−40
10
60
110
160
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. Quiescent Current vs. Temperature
115
117
119
121
123
125
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Minimum On Time vs. Temperature
−40
10
60
110
160
0.990
0.995
1.000
1.005
1.010
TJ, JUNCTION TEMPERATURE (°C)
Figure 7. Normalized Current Limit vs.
Temperature
−40
10
60
110
160
VIN = 13.2 V
fs = 170 kHz
TJ, JUNCTION TEMPERATURE (°C)
−50
0
50
100
200
VIN = 13.2 V
0
1
2
3
4
5
6
150


Similar Part No. - NCV887103D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887103D1R2G ONSEMI-NCV887103D1R2G Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV887103D1R2G ONSEMI-NCV887103D1R2G Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
More results

Similar Description - NCV887103D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8870 ONSEMI-NCV8870_17 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 11
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8873 ONSEMI-NCV8873_17 Datasheet
101Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
December, 2017 ??Rev. 8
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com