Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEE04B18-L Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AEE04B18-L
Description  POWER 50 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AEE04B18-L Datasheet(HTML) 1 Page - Artesyn Technologies

  AEE04B18-L Datasheet HTML 1Page - Artesyn Technologies AEE04B18-L Datasheet HTML 2Page - Artesyn Technologies AEE04B18-L Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AEE Series
50 Watts
Total Power: 50Watts
Input Voltage:12V,24Vor48V
# of Outputs: Single
Special featureS
ƒ
Encapsulated
ƒ
Wide 4:1 input range
ƒ
1” x 2” DIP package
ƒ
1500 Vdc I/O isolation
ƒ
Single and Dual output
ƒ
OCP, OVP, OTP Protection
ƒ
Remote On/Off
Electrical Specifications
Input
Input range:
9 to 36 Vdc; 18 to 75 Vdc
Efficiency2:
92% @ 12 Vo
Output
Voltage tolerance:
±1.0%
Line regulation:
±0.5%
Load regulation:
Single output: ±0.5%
Noise/ripple:
3.3 Vo, 5 Vo: 100 mV
Others: 150 mV
OCP and S/C protection:
Hiccup
Over voltage protection:
Latched
OTP protection:
Latched
Switching frequency:
285 KHz
Temperature coefficient:
±0.02 /°C
Isolation
I/O isolation
1500 Vdc min.
Insulation resistance:
1000 Mohm
Insulation capacitance:
2200 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range:
-40 °C to +85 °C
Storage temperature:
-50 °C to +125 °C
Humidity:
5% to 95% (non-condensing)
Calculated MTBF:
233 Khrs
ƒ
Operating Temp. Range –40°C to
+85 °C (With derating)
Safety
ƒ
UL/cUL 60950-1 (CSA)
ƒ
IEC/EN 60950-1


Similar Part No. - AEE04B18-L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE04 ASTEC-AEE04 Datasheet
473Kb / 2P
   Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual
logo
Emerson Network Power
AEE04 EMERSON-NETWORKPOWER-AEE04 Datasheet
114Kb / 2P
   15 W, Single, Dual output
logo
Astec America, Inc
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
   15 Watts
AEE04F18-L ASTEC-AEE04F18-L Datasheet
169Kb / 2P
   AEE Series
logo
Emerson Network Power
AEE04F18-L EMERSON-NETWORKPOWER-AEE04F18-L Datasheet
169Kb / 2P
   AEE 15W Series
More results

Similar Description - AEE04B18-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AVO50-48S1V2-4 ARTESYN-AVO50-48S1V2-4 Datasheet
1,003Kb / 3P
   POWER 50 Watts
logo
API Technologies Corp
QBS-563 APITECH-QBS-563 Datasheet
164Kb / 2P
   Power Amplifier - 50 watts
logo
Artesyn Technologies
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
logo
API Technologies Corp
QBS-562 APITECH-QBS-562 Datasheet
164Kb / 2P
   Power Amplifier - 50 watts
QBS-561 APITECH-QBS-561 Datasheet
164Kb / 1P
   Power Amplifier - 50 watts
logo
Artesyn Technologies
AVD50B-48S3V3TL ARTESYN-AVD50B-48S3V3TL Datasheet
630Kb / 3P
   Total Power: 50 Watts
logo
Power Mate Technology C...
HEC50-24S1P8 P-DUKE-HEC50-24S1P8 Datasheet
334Kb / 3P
   50 WATTS MAXIMUM OUTPUT POWER
QEB50-24S3P3 P-DUKE-QEB50-24S3P3 Datasheet
313Kb / 4P
   50 WATTS MAXIMUM OUTPUT POWER
logo
Astec America, Inc
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com