Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV891334 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV891334
Description  2 MHz Low-IQ Dual-Mode Step-Down Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV891334 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV891334 Datasheet HTML 1Page - ON Semiconductor NCV891334 Datasheet HTML 2Page - ON Semiconductor NCV891334 Datasheet HTML 3Page - ON Semiconductor NCV891334 Datasheet HTML 4Page - ON Semiconductor NCV891334 Datasheet HTML 5Page - ON Semiconductor NCV891334 Datasheet HTML 6Page - ON Semiconductor NCV891334 Datasheet HTML 7Page - ON Semiconductor NCV891334 Datasheet HTML 8Page - ON Semiconductor NCV891334 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCV891234, NCV891334
www.onsemi.com
2
Figure 2. Simplified Block Diagrams
SYNCI
SYNCI
VIN
DRV
GND
SW
BST
VOUT
EN
VIN
VOUT
CIN
CBST
DBST
DFW
COUT
L1
CDRV
NCV891234, NCV891334
PWM
LOGIC
OFF
ON
+
S
Oscillator
Soft−Start
RESET
3.3 V
Reg
VOLTAGES
MONITORS
Switcher Supply
TSD
+
+
LINEAR
REGULATOR
ON
ON
MODE
SELECTION
OVLD
Low
+
+
Logic
Enable
EN
RESET
RSTB
2A, 3A
detector
comp
Fault
Detection
FAULT
Sync
In
Sync
Out
SYNCO
SYNCO
VIN 2
FLTB


Similar Part No. - NCV891334

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV891334 ONSEMI-NCV891334 Datasheet
211Kb / 12P
   2 MHz Low-IQ Dual-Mode Step-Down Regulator for Automotive
June, 2016 ??Rev. 0
NCV891334MW33R2G ONSEMI-NCV891334MW33R2G Datasheet
211Kb / 12P
   2 MHz Low-IQ Dual-Mode Step-Down Regulator for Automotive
June, 2016 ??Rev. 0
NCV891334MW50R2G ONSEMI-NCV891334MW50R2G Datasheet
211Kb / 12P
   2 MHz Low-IQ Dual-Mode Step-Down Regulator for Automotive
June, 2016 ??Rev. 0
More results

Similar Description - NCV891334

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV891234 ONSEMI-NCV891234 Datasheet
211Kb / 12P
   2 MHz Low-IQ Dual-Mode Step-Down Regulator for Automotive
June, 2016 ??Rev. 0
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com