Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS88 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 1SS88
Description  SILICON EPITAXIAL PLANAR DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SS88 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1SS88 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SS88 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2of2
0.1
10
02
10
8
6
4
1.0
0
0.2
0.4
0.6
0.8
1.0
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
10
-5
10
-6
10
-7
10
-8
10
-9
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
10
1.0
0.1
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
f = 1MHz
www.sunmate.tw


Similar Part No. - 1SS88

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS88 HITACHI-1SS88 Datasheet
31Kb / 5P
   Silicon Schottky Barrier Diode for CATV Balanced Mixer
logo
Renesas Technology Corp
1SS88 RENESAS-1SS88 Datasheet
66Kb / 5P
   Silicon Schottky Barrier Diode for CATV Balanced Mixer
1SS88 RENESAS-1SS88 Datasheet
66Kb / 5P
   Silicon Schottky Barrier Diode for CATV Balanced Mixer
More results

Similar Description - 1SS88

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
Vishay Siliconix
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
   SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
BAS19 SEMTECH_ELEC-BAS19_15 Datasheet
160Kb / 2P
   Silicon Epitaxial Planar Diodes
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
   Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com