Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3525ANG Datasheet(PDF) 9 Page - ON Semiconductor

Part # SG3525ANG
Description  Pulse Width Modulator Control Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SG3525ANG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button SG3525ANG Datasheet HTML 2Page - ON Semiconductor SG3525ANG Datasheet HTML 3Page - ON Semiconductor SG3525ANG Datasheet HTML 4Page - ON Semiconductor SG3525ANG Datasheet HTML 5Page - ON Semiconductor SG3525ANG Datasheet HTML 6Page - ON Semiconductor SG3525ANG Datasheet HTML 7Page - ON Semiconductor SG3525ANG Datasheet HTML 8Page - ON Semiconductor SG3525ANG Datasheet HTML 9Page - ON Semiconductor SG3525ANG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SG3525A
http://onsemi.com
9
PACKAGE DIMENSIONS
SOIC−16L
DW SUFFIX
CASE 751G−03
ISSUE C
D
14X
B
16X
SEATING
PLANE
S
A
M
0.25
B S
T
16
9
8
1
B
A
e
T
C
q
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INLCUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 TOTAL IN
EXCESS OF THE B DIMENSION AT MAXIMUM
MATERIAL CONDITION.
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
10.15
10.45
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
_
_


Similar Part No. - SG3525ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SG3525ANG ONSEMI-SG3525ANG Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
More results

Similar Description - SG3525ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
NTE Electronics
NTE1729 NTE-NTE1729 Datasheet
30Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1753 NTE-NTE1753 Datasheet
36Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1722 NTE-NTE1722 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
logo
Motorola, Inc
SG3525A MOTOROLA-SG3525A Datasheet
205Kb / 8P
   PULSE WIDTH MODULATOR CONTROL CIRCUITS
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A Datasheet
205Kb / 8P
   PULSE WIDTH MODULATOR CONTROL CIRCUITS
1996 REV 2
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com