Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3120CDR Datasheet(PDF) 11 Page - Texas Instruments

Part # THS3120CDR
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3120CDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3120CDR Datasheet HTML 7Page - Texas Instruments THS3120CDR Datasheet HTML 8Page - Texas Instruments THS3120CDR Datasheet HTML 9Page - Texas Instruments THS3120CDR Datasheet HTML 10Page - Texas Instruments THS3120CDR Datasheet HTML 11Page - Texas Instruments THS3120CDR Datasheet HTML 12Page - Texas Instruments THS3120CDR Datasheet HTML 13Page - Texas Instruments THS3120CDR Datasheet HTML 14Page - Texas Instruments THS3120CDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
−16
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
16
10
100
1000
RL − Load Resistance − Ω
VS = ±15 V
TA = −40 to 85°C
0
0.5
1
1.5
2
2.5
3
3.5
4
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
VS = ±15 V
IIB−
IIB+
IOS
0
1
2
3
4
5
6
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = ±5 V
VS = ±15 V
TC − Case Temperature − °C
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.04 0.05 0.06 0.07 0.08 0.09 0.1
0.11 0.12
t - Time -
µs
Output
Input
Gain = 2,
RL = 50 Ω,
RF = 649 Ω,
VS = ±15 V
0
10
20
30
40
50
60
70
80
90
100
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
VS = ±15 V
VS = ±5 V
0
10
20
30
40
50
60
70
100 k
1 M
10 M
100 M
CMRR
VS = ±15 V
f − Frequency − Hz
PSRR−
PSRR+
-20
-15
-10
-5
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1
-4
-3
-2
-1
0
1
2
3
4
t - Time -
µs
Gain = 2,
RF = 648 Ω,
VS = ±15 V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0
1
2
3
4
5
6
7
8
Number of 150
Ω Loads
PAL
NTSC
Gain = 2,
RF = 649 Ω,
VS = ±15 V,
40 IRE − NTSC and PAL,
Worst Case
±100 IRE Ramp
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0.04 0.05 0.06 0.07 0.08 0.09 0.1
0.11 0.12
t - Time -
µs
Output
Input
Gain = -5,
RL = 50 Ω,
RF = 499 Ω,
VS = ±15 V
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
TYPICAL CHARACTERISTICS (
±15 V) (continued)
INPUT BIAS AND
OUTPUT VOLTAGE
OFFSET CURRENT
INPUT OFFSET VOLTAGE
vs
vs
vs
LOAD RESISTANCE
CASE TEMPERATURE
CASE TEMPERATURE
Figure 18.
Figure 19.
Figure 20.
TRANSIMPEDANCE
REJECTION RATIO
vs
vs
NONINVERTING SMALL SIGNAL
FREQUENCY
FREQUENCY
TRANSIENT RESPONSE
Figure 21.
Figure 22.
Figure 23.
DIFFERENTIAL GAIN
INVERTING LARGE SIGNAL
vs
TRANSIENT RESPONSE
OVERDRIVE RECOVERY TIME
NUMBER OF LOADS
Figure 24.
Figure 25.
Figure 26.
11


Similar Part No. - THS3120CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120CDGN TI1-THS3120CDGN Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120CDGN TI1-THS3120CDGN Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120CDGNG4 TI1-THS3120CDGNG4 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120CDGNG4 TI1-THS3120CDGNG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120CDGNR TI1-THS3120CDGNR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3120CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com