Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMFA120-S05 Datasheet(PDF) 1 Page - Vitec Power

Part # SMFA120-S05
Description  120W Open-Frame Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMFA120-S05 Datasheet(HTML) 1 Page - Vitec Power

  SMFA120-S05 Datasheet HTML 1Page - Vitec Power SMFA120-S05 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMFA120 SERIES
120W Open-Frame Power Supply for Medical Equipment
Wide Input Voltage 100 to 240 VAC, 47 to 63Hz
Output Voltage Available From 5VDC~40VDC
Internal EMI filter
Input connector mates with Molex housing 09-50-3051 and Molex 2478 series
crimp terminal
Output Connector mates with screw terminal (Terminal Block)(16-22AWG)
or Molex housing 09-50-3121 and Molex 2478 series crimp terminal
Single Output
Size: 3" x 5" x 1.42"
Input Surge Current, Over Voltage and Overload protection
Active Power Factor Correction
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Total Regulation
Maximum
Output Power
SMFA120-S02
5 ~ 6 VDC
20.00 ~ 16.66 A
7%
100W
SMFA120-S03
6 ~ 9 VDC
18.33 ~ 12.22 A
7%
110W
SMFA120-S04
9 ~ 11 VDC
13.33 ~ 10.90 A
5%
120W
SMFA120-S05
11 ~ 13 VDC
10.90 ~ 9.23 A
5%
120W
SMFA120-S06
13 ~ 16 VDC
9.23 ~ 7.50 A
5%
120W
SMFA120-S07
16 ~ 21 VDC
7.50 ~ 5.71 A
3%
120W
SMFA120-S08
21 ~ 27 VDC
5.71 ~ 4.44 A
3%
120W
SMFA120-S09
27 ~ 33 VDC
4.44 ~ 3.63 A
2%
120W
SMFA120-S10
33 ~ 40 VDC
3.63 ~ 3.00 A
2%
120W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io=Full load, Vin=90~260VAC
0.95
0.97
1.00
Output Power Range
Vin= 90 to 264 VA C
0
120
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
1.7
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
0.8
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
48
54
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230VAC
58
63
A
Efficiency
Io=Full Load, Vin=230VAC
70
80
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC/60Hz
0.095
0.1
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - SMFA120-S05

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMFA120-S05 Vitec-SMFA120-S05 Datasheet
408Kb / 2P
   120W Open-Frame Power Supply for Medical Equipment
More results

Similar Description - SMFA120-S05

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMFA120 Vitec-SMFA120 Datasheet
408Kb / 2P
   120W Open-Frame Power Supply for Medical Equipment
SIFA120-SERIES Vitec-SIFA120-SERIES Datasheet
425Kb / 2P
   120W Open Frame Power Supply for Industrial Equipment
SIFA120 Vitec-SIFA120 Datasheet
425Kb / 2P
   120W Open Frame Power Supply for Industrial Equipment
STFA120-SERIES Vitec-STFA120-SERIES Datasheet
426Kb / 2P
   120W Open Frame Power Supply for I.T. Equipment
STFA120 Vitec-STFA120 Datasheet
426Kb / 2P
   120W Open Frame Power Supply for I.T. Equipment
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA151-SERIES Vitec-SMFA151-SERIES Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
SMFA80 Vitec-SMFA80 Datasheet
374Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
SHFA31 Vitec-SHFA31 Datasheet
377Kb / 2P
   30W Open-Frame Power Supply for Medical Equipment
logo
Foshan Blue Rocket Elec...
SMFA151 FOSHAN-SMFA151 Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com