Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA100-D03 Datasheet(PDF) 1 Page - Vitec Power

Part # SMDA100-D03
Description  100W Desktop Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMDA100-D03 Datasheet(HTML) 1 Page - Vitec Power

  SMDA100-D03 Datasheet HTML 1Page - Vitec Power SMDA100-D03 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMDA100 SERIES
100W Desktop Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63 Hz
IEC-320-C14 input inlet
Single to Triple Output, Output Voltage Available from 5VDC thru 40VDC
Input Surge Current, Over Voltage , Output Voltage And Over Load protection
Ultra-Low Leakage Current (under 0.1 mA)
Active Power Factor Correction
ON/OFF SWITCH (optional)
Class I Insulation
3 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Max. Output Power
SMDA100-S02
5 ~ 6 VDC
14.00 ~ 11.66 A
5%
70W
SMDA100-S03
6 ~ 8 VDC
13.33 ~ 10.00 A
5%
80W
SMDA100-S04
8 ~ 11 VDC
11.25 ~ 8.20 A
4%
90W
SMDA100-S05
12 ~ 13 VDC
8.33 ~ 7.70 A
3%
100W
SMDA100-S06
13 ~ 16 VDC
7.70 ~ 6.30 A
3%
100W
SMDA100-S07
16 ~ 21 VDC
6.30 ~ 4.80 A
3%
100W
SMDA100-S08
21 ~ 27 VDC
4.80 ~ 3.70 A
2%
100W
SMDA100-S09
27 ~ 33 VDC
3.70 ~ 3.00 A
2%
100W
SMDA100-S10
33 ~ 40 VDC
3.00 ~ 2.50 A
2%
100W
Multi Output
Part
Number
Output 1
Output 2
Output 3
Max. Output
Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
SMDA100-D00
+3.3V
1.0A
10A
7%
+12V
0.3A
3A
5%
69W
SMDA100-D01
+5V
1.0A
10A
5%
+12V
0.3A
3A
5%
80W
SMDA100-D02
+5V
1.0A
10A
5%
+15V
0.3A
3A
5%
80W
SMDA100-D03
+5V
1.0A
10A
5%
+24V
0.2A
2A
5%
80W
SMDA100-D04
+3.3V
1.0A
10A
7%
+5V
0.5A
5A
5%
55W
SMDA100-D09
+12V
0.7A
7A
5%
-12V
0A
1A
5%
80W
SMDA100-D10
+15V
0.6A
6A
5%
-15V
0A
1A
5%
80W
SMDA100-D12
+24V
0.3A
3A
5%
-24V
0A
1A
5%
80W
SMDA100-D15
+5V
1.0A
10A
5%
-24V
0A
1A
5%
74W
SMDA100-T00
+3.3V
1.0A
10A
7%
+12V
0.3A
3A
5%
-12V
0A
1A
5%
74W
SMDA100-T00-1
+3.3V
1.0A
10A
7%
+12V
0.3A
3A
5%
+12V
0A
1A
5%
74W
SMDA100-T01
+5V
1.0A
10A
5%
+12V
0.3A
3A
5%
-5V
0A
1A
5%
80W
SMDA100-T01-1
+5V
1.0A
10A
5%
+12V
0.3A
3A
5%
+5V
0A
1A
5%
80W
SMDA100-T02
+5V
1.0A
10A
5%
+12V
0.3A
3A
5%
-12V
0A
1A
5%
80W
SMDA100-T02-1
+5V
1.0A
10A
5%
+12V
0.3A
3A
5%
+12V
0A
1A
5%
80W
SMDA100-T03
+5V
1.0A
10A
5%
+15V
0.3A
3A
6%
-15V
0A
1A
5%
80W
SMDA100-T03-1
+5V
1.0A
10A
5%
+15V
0.3A
3A
6%
+15V
0A
1A
5%
80W
SMDA100-T04
+5V
1.0A
10A
5%
+24V
0.3A
3A
5%
-24V
0A
1A
5%
80W
SMDA100-T04-1
+5V
1.0A
10A
5%
+24V
0.3A
3A
5%
+24V
0A
1A
5%
80W
SMDA100-T05
+5V
1.0A
10A
5%
+24V
0.3A
3A
5%
-12V
0A
1A
5%
80W
SMDA100-T05-1
+5V
1.0A
10A
5%
+24V
0.3A
3A
5%
+12V
0A
1A
5%
80W
SMDA100-T06
+3.3V
1.0A
10A
7%
+12V
0.3A
3A
5%
-5V
0A
1A
5%
74W
SMDA100-T06-1
+3.3V
1.0A
10A
7%
+12V
0.3A
3A
5%
+5V
0A
1A
5%
74W
SMDA100-T08
+3.3V
1.0A
10A
7%
+5V
0.3A
3A
5%
-12V
0A
1A
5%
60W
SMDA100-T08-1
+3.3V
1.0A
10A
7%
+5V
0.3A
3A
5%
+12V
0A
1A
5%
60W
S11,D00 doesn't have PSE approvals.
The model number of 105 had been approved by BSMI, KC, FCC.


Similar Part No. - SMDA100-D03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA100-D03 Vitec-SMDA100-D03 Datasheet
428Kb / 2P
   100W Desktop Power Supply for Medical Equipment
More results

Similar Description - SMDA100-D03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA100 Vitec-SHDA100 Datasheet
385Kb / 2P
   100W Desktop Power Supply for Medical Equipment
SHDA100-SERIES Vitec-SHDA100-SERIES Datasheet
374Kb / 2P
   100W Desktop Power Supply for Medical Equipment
SMDA100 Vitec-SMDA100 Datasheet
428Kb / 2P
   100W Desktop Power Supply for Medical Equipment
STDA100-SERIES Vitec-STDA100-SERIES Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
SIDA100 Vitec-SIDA100 Datasheet
400Kb / 2P
   100W Desktop Power Supply for Industrial Equipment
SIDA100-SERIES Vitec-SIDA100-SERIES Datasheet
400Kb / 2P
   100W Desktop Power Supply for Industrial Equipment
STDA100 Vitec-STDA100 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com