Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFSMC3-1R0M Datasheet(PDF) 5 Page - XFMRS Inc.

Part # XFSMC3-1R0M
Description  High-Current Cube Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFSMC3-1R0M Datasheet(HTML) 5 Page - XFMRS Inc.

  XFSMC3-1R0M Datasheet HTML 1Page - XFMRS Inc. XFSMC3-1R0M Datasheet HTML 2Page - XFMRS Inc. XFSMC3-1R0M Datasheet HTML 3Page - XFMRS Inc. XFSMC3-1R0M Datasheet HTML 4Page - XFMRS Inc. XFSMC3-1R0M Datasheet HTML 5Page - XFMRS Inc. XFSMC3-1R0M Datasheet HTML 6Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.xfmrs.com
info@xfmrs.com
152-160 Tai Lin Pai Rd.
Kwai Chung, NT, Hong Kong
(852)2423-1689
pyiu@xfmrs.com.hk
Rev: A/-
7570 E. Landersdale Rd.
Camby, IN 46113
Phone:
(317) 834-1066
Recommended IR Reflow Profile:
Pin Plating Cross-Section


Similar Part No. - XFSMC3-1R0M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFSMC3-1R0M XFMRS-XFSMC3-1R0M Datasheet
49Kb / 1P
   Solderability leads shall meet MIL-STD-202G
More results

Similar Description - XFSMC3-1R0M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFSMC2 XFMRS-XFSMC2 Datasheet
538Kb / 6P
   High-Current Cube Inductors
XFSMC4 XFMRS-XFSMC4 Datasheet
525Kb / 6P
   High Current Cube Inductors
logo
TT Electronics.
HM37 TTELEC-HM37 Datasheet
578Kb / 2P
   High Current Low Loss Ferrite Cube Inductors
HM56 TTELEC-HM56 Datasheet
505Kb / 2P
   High Current Low Loss Ferrite Cube Inductors
logo
Wurth Elektronik GmbH &...
7443330680 WURTH-7443330680_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
7443320047 WURTH-7443320047_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
7443320220 WURTH-7443320220_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
7443320680 WURTH-7443320680_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
7443340470 WURTH-7443340470_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
logo
Littelfuse
05903 LITTELFUSE-05903 Datasheet
158Kb / 3P
   24V 100A HIGH-CURRENT CUBE-STYLE DC COIL RELAY
2022 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com