Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2700564 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2700564
Description  Safety relays - PSR-MC50-3NO-1DO-24DC-SP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700564 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2700564 Datasheet HTML 1Page - PHOENIX CONTACT 2700564 Datasheet HTML 2Page - PHOENIX CONTACT 2700564 Datasheet HTML 3Page - PHOENIX CONTACT 2700564 Datasheet HTML 4Page - PHOENIX CONTACT 2700564 Datasheet HTML 5Page - PHOENIX CONTACT 2700564 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2700564
08/30/2016   Page 2 / 6
Safety relays - PSR-MC50-3NO-1DO-24DC-SP - 2700564
Technical data
Ambient conditions
Ambient temperature (operation)
-40 °C ... 55 °C (observe derating)
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Max. permissible relative humidity (operation)
75 % (on average, 85% infrequently, non-condensing)
Max. permissible humidity (storage/transport)
75 % (on average, 85% infrequently, non-condensing)
Shock
15g
Vibration (operation)
10 Hz ...150 Hz, 2g
Maximum altitude
≤ 2000 m (Above sea level)
Input data
Rated control circuit supply voltage US
24 V DC -15 % / +10 %
Power consumption at US
typ. 1.92 W
Rated control supply current IS
typ. 80 mA
Inrush current
5 A (Δt = 200 µs at Us)
Current consumption
< 5 mA (with Us/Ix to S12)
< 5 mA (with Us/Ix to S13)
> -5 mA (with Us/Ix to S34)
< 10 mA (with Us/Ix to S34)
Voltage at input/start and feedback circuit
24 V DC -15 % / +10 %
Typical response time
< 175 ms (automatic start)
< 175 ms (manual, monitored start)
Typ. starting time with Us
< 250 ms (when controlled via A1)
Typical release time
< 20 ms (when controlled via A1 or S12 and S13.)
Recovery time
< 500 ms
Status display
3 x green LED
Maximum switching frequency
0.5 Hz
Max. permissible overall conductor resistance
150 Ω
Filter time
1 ms (at A1 in the event of voltage dips at Us)
max. 1.5 ms (at S12, S13; test pulse width)
min. 7.5 ms (at S12, S13; test pulse rate)
Test pulse rate = 5 x Test pulse width
Output data
Contact type
3 enabling current paths
Contact material
AgSnO2
Minimum switching voltage
12 V AC/DC
Maximum switching voltage
250 V AC/DC (Observe the load curve)
Limiting continuous current
6 A (observe derating)
Inrush current, minimum
3 mA


Similar Part No. - 2700564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700563 PHOENIX-2700563 Datasheet
262Kb / 9P
   Safety module - IB IL 24 PSDOR 4-F-PAC
2700566 PHOENIX-2700566 Datasheet
56Kb / 2P
   Full SCADA (Supervisory Control And Data Acquisition) function with visualization, trend representation, and alarm management
More results

Similar Description - 2700564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700553 PHOENIX-2700553 Datasheet
87Kb / 6P
   Safety relays - PSR-MC50-3NO-1DO-24DC-SC
2700548 PHOENIX-2700548 Datasheet
87Kb / 6P
   Safety relays - PSR-MC34-3NO-1DO-24DC-SP
2700570 PHOENIX-2700570 Datasheet
433Kb / 12P
   PSR-MC40-3NO-1DO-24DC-SP - Safety relays
2702347 PHOENIX-2702347 Datasheet
45Kb / 2P
   Safety relays - PSR-MC20-3NO-1DO-24DC-SP-DUMMY
2700540 PHOENIX-2700540 Datasheet
87Kb / 6P
   Safety relays - PSR-MC34-3NO-1DO-24DC-SC
2700499 PHOENIX-2700499 Datasheet
87Kb / 6P
   Safety relays - PSR-MC30-2NO-1DO-24DC-SP
1249516 PHOENIX-1249516 Datasheet
384Kb / 10P
   Safety device - PSR-MM35-1NO-1DO-24DC-SP
Nov 3, 2022
2904956 PHOENIX-2904956 Datasheet
83Kb / 6P
   Safety relays - PSR-MS50-1NO-1DO-24DC-SC
2904955 PHOENIX-2904955 Datasheet
83Kb / 6P
   Safety relays - PSR-MS45-1NO-1DO-24DC-SC
2904957 PHOENIX-2904957 Datasheet
83Kb / 6P
   Safety relays - PSR-MS55-1NO-1DO-24DC-SC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com