Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM65US19 Datasheet(PDF) 4 Page - XP Power Limited

Part # ALM65US19
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ALM65US19 Datasheet(HTML) 4 Page - XP Power Limited

  ALM65US19 Datasheet HTML 1Page - XP Power Limited ALM65US19 Datasheet HTML 2Page - XP Power Limited ALM65US19 Datasheet HTML 3Page - XP Power Limited ALM65US19 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Safety Approvals
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
3A
±15 kV air/±8 kV contact
Radiated
EN61000-4-3
10 V/m
A
80-2700 MHz. IEC60601-1-2 Ed.4 at other frequencies
EFT/Burst
EN61000-4-4
3A
Surge
EN61000-4-5
Installation Class 3
A
Conducted
EN61000-4-6
10 V
A
Magnetic Fields
EN61000-4-8
4A
Dips and Interruptions
EN61000-4-11
Dip: 30% 500 ms
A/B
High Line/Low Line
Dip: 60% 200 ms
A/B
High Line/Low Line
Dip: 80% 5000 ms
B
Dip: 100% 5000 ms
B
EN60601-1-2
Dip: 30% 25 AC Cycles
A
230 VAC 100% load, 100 VAC 75%
Dip: 60% 5 AC Cycles
A
230 VAC 100% load, 100 VAC 20%
Dip: 100% 0.5 AC Cycles
A
At 8 angles
Int.: >95% 5000 ms
B
Safety Agency
Safety Standard
Notes & Conditions
UL
UL60950-1 2nd Edition
Information Technology
TUV
EN60950-1
CB
IEC60950-1
CE
LVD
UL
ANSI/AAMI ES 60601-1
Medical
CSA
CSA C22.2 No. 60601
TUV
EN60601-1
CB
IEC60601-1
ALM65 Series
www.xppower.com
AC-DC Power Supplies
Class I
IEC 320-C14
1.319 (33.5)
0.039 (1.0)
RETURN ( - )
OUTPUT ( + )
4.488 (114.0)
1.732 (44.0)
1.319 (33.5)
0.177 (4.50)
2.185 (55.5)
4.941 (125.5)
35.433 ±0.8 (900±20)
ø
0.685
(17.4)
1.512
(38.4)
1.969 ±0.394 (50±10)
0.374 ±0.012 (9.50±0.30)
Class II
IEC 320-C8
1. All dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except
output cable length.
2. Output connector: 5.5 outer diameter, 2.5 mm inner diameter with centre positive.
3. Weight: 0.68 lbs (308 g) approx.
4. For European mains lead order part EU-MAINS-IEC for C14 versions,
or EU-MAINS-8 for C8 versions.
5. For UK mains lead order part UK-MAINS-IEC for C14 versions, or UK-MAINS-8
for C8 versions.
6. For US mains lead order part US-MAINS-IEC for C14 versions, or US-MAINS-8
for C8 versions.
Notes
Mechanical Details
10 Mar 16
Optional Input Connector Retention (-A)
1.40 (35.7)


Similar Part No. - ALM65US19

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ALM65US19 XPPOWER-ALM65US19 Datasheet
762Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - ALM65US19

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com