Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1438-2-AP-TR Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMC1438-2-AP-TR
Description  1째C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1438-2-AP-TR Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMC1438-2-AP-TR Datasheet HTML 6Page - SMSC Corporation EMC1438-2-AP-TR Datasheet HTML 7Page - SMSC Corporation EMC1438-2-AP-TR Datasheet HTML 8Page - SMSC Corporation EMC1438-2-AP-TR Datasheet HTML 9Page - SMSC Corporation EMC1438-2-AP-TR Datasheet HTML 10Page - SMSC Corporation EMC1438-2-AP-TR Datasheet HTML 11Page - SMSC Corporation EMC1438-2-AP-TR Datasheet HTML 12Page - SMSC Corporation EMC1438-2-AP-TR Datasheet HTML 13Page - SMSC Corporation EMC1438-2-AP-TR Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
1°C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
Datasheet
Revision 1.0 (04-29-10)
10
SMSC EMC1438
DATASHEET
Chapter 3 Electrical Specifications
3.1
Absolute Maximum Ratings
Note: Stresses at or above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied. Prolonged stresses above the
stated operating levels and below the Absolute Maximum Ratings may degrade device
performance and lead to permanent damage.
Note 3.1
For the 5V tolerant pins that have a pull-up resistor, the pull-up voltage must not exceed
3.6V when the device is unpowered.
Note 3.2
The Package Power Dissipation specification assumes a thermal via design with the
thermal landing soldered to the PCB ground plane with four 12 mil vias.
Note 3.3
Junction to Ambient (JA) is dependent on the design of the thermal vias. Without thermal
vias and a thermal landing, the
θJA is approximately 60°C/W including localized PCB
temperature increase.
Table 3.1 Absolute Maximum Ratings
DESCRIPTION
RATING
UNIT
Supply Voltage (VDD)
-0.3 to 4.0
V
Voltage on 5V tolerant pins (V5VT_pin)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_pin - VDD|) (see Note 3.1)0 to 3.6
V
Voltage on any other pin to Ground
-0.3 to VDD +0.3
V
Operating Temperature Range
-40 to +125
°C
Storage Temperature Range
-55 to +150
°C
Lead Temperature Range
Refer to JEDEC Spec. J-STD-020
QFN-16 Package Power Dissipation (see Note 3.2)
0.5W up to TA = 85°C
W
Junction to Ambient (
θJA) (see Note 3.3)58
°C/W
ESD Rating, All pins HBM
2000
V


Similar Part No. - EMC1438-2-AP-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402-1-ACZL-TR SMSC-EMC1402-1-ACZL-TR Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402-1-ACZL-TR SMSC-EMC1402-1-ACZL-TR Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1402-2-ACZL-TR SMSC-EMC1402-2-ACZL-TR Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402-2-ACZL-TR SMSC-EMC1402-2-ACZL-TR Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
More results

Similar Description - EMC1438-2-AP-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1428 MICROCHIP-EMC1428 Datasheet
564Kb / 53P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
10/28/13
logo
SMSC Corporation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1428 SMSC-EMC1428 Datasheet
764Kb / 47P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
EMC1046 SMSC-EMC1046_09 Datasheet
591Kb / 37P
   1째C Multiple Temperature Sensor
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC1043 SMSC-EMC1043 Datasheet
574Kb / 28P
   1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1073 SMSC-EMC1073 Datasheet
742Kb / 45P
   Multiple Channel 1째C Temperature Sensors with Selectable Address
logo
Microchip Technology
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
   Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com