Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA02 Datasheet(PDF) 4 Page - XP Power Limited

Part # CA02
Description  PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CA02 Datasheet(HTML) 4 Page - XP Power Limited

  CA02 Datasheet HTML 1Page - XP Power Limited CA02 Datasheet HTML 2Page - XP Power Limited CA02 Datasheet HTML 3Page - XP Power Limited CA02 Datasheet HTML 4Page - XP Power Limited CA02 Datasheet HTML 5Page - XP Power Limited CA02 Datasheet HTML 6Page - XP Power Limited CA02 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4709CA
PAGE 4
WWW.XPPOWER.COM
CA SERIES
MECHANICAL SPECIFICATIONS
PIN #
FUNCTION
1
OUTPUT VOLTAGE
2
PROGRAMMING: 0 to +5V
5V Input models: 0 to +2.048V
3
GROUND*1,2
4
VOLTAGE REFERENCE: +5V
5V Input models: +2.048V
5
CASE GROUND*1,2
6
INPUT: +11.5V to 15.5V
5V Input models: +4.75 to +5.25V
7
VOLTAGE MONITOR: 0 to +5V
5V Input models: 0 to +2.048V
8
OUTPUT RETURN*1,2
SEALED TO WITHSTAND IMMERSION CLEANING PROCESSES
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)
PARAMETER
VALUE
WEIGHT
1.4 OZ. (39.6 GRAMS)
VOLUME
0.96 CUBIC INCHES (15.77cm3)
DIMENSIONS
1.75L (44.45) x 1.10W (27.94) x 0.50H (12.70)
CASE MATERIAL
ZINC PLATED STEEL
PCB LAYOUT COMPONENT SIDE
BOTTOM VIEW


Similar Part No. - CA02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
C&K Components
CA021207DQ CK-COMPONENTS-CA021207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
CA022207DQ CK-COMPONENTS-CA022207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
logo
Intersil Corporation
CA0224E INTERSIL-CA0224E Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA0224M INTERSIL-CA0224M Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
More results

Similar Description - CA02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
C01 XPPOWER-C01 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Texas Instruments
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com