Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C06 Datasheet(PDF) 6 Page - XP Power Limited

Part # C06
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C06 Datasheet(HTML) 6 Page - XP Power Limited

Back Button C06 Datasheet HTML 2Page - XP Power Limited C06 Datasheet HTML 3Page - XP Power Limited C06 Datasheet HTML 4Page - XP Power Limited C06 Datasheet HTML 5Page - XP Power Limited C06 Datasheet HTML 6Page - XP Power Limited C06 Datasheet HTML 7Page - XP Power Limited C06 Datasheet HTML 8Page - XP Power Limited C06 Datasheet HTML 9Page - XP Power Limited C06 Datasheet HTML 10Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4711CR
WWW.XPPOWER.COM
PAGE 6
0.30 (7.62)
0.55 (14.10)
2.10 (53.34)
10.00 ±1.00
(254.0 ± 25.4)
0.20 (5.08)
0.025
(.64)
0.50 (12.70)
5X
ø 0.040 (1.02)
P.C. PIN
0
0.250 (6.35)
0.500 (12.70)
0.100 (2.54)
0.10 (2.54)
1.11
(28.19)
HV OUTPUT LEAD
(#22AWG 20KV
SILICONE)
GAIN
ADJUST
1
5
2
4
3
(HV OUTPUT LEAD)
TOP VIEW
BOTTOM
VIEW
0.20 (5.08)
0.30 (7.62)
0.10 (2.54)
0.100 (2.54)
0.500 (12.70)
0.250 (6.35)
0
4
3
1
5
2
TOP VIEW
0.65 (16.51)
ø 0.187 (4.75) MIN
FOR POT ACCESS
RECOMMENDED
PCB LAYOUT
2.60 (66.04)
2.350 (59.69)
0.13 (3.18)
ø.104 (2.64)
#2/M2 CLEARANCE
FOR MOUNTING
2 PLACES
RECOMMENDED
HOLE & PAD SIZE:
ø 0.052 (1.32) &
ø 0.090 (2.29)
5 PLACES
PIN #
FUNCTION
1
(+) INPUT
2
GROUND
3
PROGRAMMING VOLTAGE
4
HV RETURN
5
CASE GROUND
LEAD
HV OUT
PARAMETER
VALUE
WEIGHT
1.8 OUNCES (50.9 GRAMS)
VOLUME
1.16 CUBIC INCHES (18.93 CUBIC CENTIMETERS)
DIMENSIONS
2.10L (53.34L) x 1.11W (28.19W) x 0.50H (12.70H)
CASE MATERIAL
ZINC PLATED STEEL
C SERIES
MECHANICAL SPECIFICATIONS C50 to C60 (5kV to 6kV)
Dimensions are in inches (metric equivalents are in parentheses)
Dimensional tolerances: .xx +/- 0.02 (0.51mm)
.xxx +/- 0.005 (0.127mm)


Similar Part No. - C06

ManufacturerPart #DatasheetDescription
logo
Powerbox
C06 POWERBOX-C06 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
General Cable Technolog...
C0600A GENERAL-C0600A Datasheet
86Kb / 1P
   COMPUTER CABLE
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0602A GENERAL-C0602A Datasheet
81Kb / 1P
   COMPUTER CABLE
logo
TDK Electronics
C0603 TDK-C0603 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C06

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com