Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C15 Datasheet(PDF) 11 Page - XP Power Limited

Part # C15
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C15 Datasheet(HTML) 11 Page - XP Power Limited

Back Button C15 Datasheet HTML 4Page - XP Power Limited C15 Datasheet HTML 5Page - XP Power Limited C15 Datasheet HTML 6Page - XP Power Limited C15 Datasheet HTML 7Page - XP Power Limited C15 Datasheet HTML 8Page - XP Power Limited C15 Datasheet HTML 9Page - XP Power Limited C15 Datasheet HTML 10Page - XP Power Limited C15 Datasheet HTML 11Page - XP Power Limited C15 Datasheet HTML 12Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
4711CR
WWW.XPPOWER.COM
PAGE 11
1.80
(45.72)
15S SUB-MIN 'D'
RECEPTACLE
AMP # 747909-2
SOLDER
CUP SIDE
9
1
8 15
MTG HARDWARE
SUPPLIED
ADJUST
GAIN
15P SUB MIN-D
PLUG (MALE)
AMP # 747841-4
6.77 (171.96)
LGH
MATING
CONNECTOR
.50
(12.7)
.05 (1.27)
THICK
5.25 (133.35)
.75 (19.05)
1.40 (35.56)
3.80 (96.52)
1.312
(33.32)
.85 (21.59)
3.700 (93.98)
1.30
(33.02)
.24 (6.09)
1.312
(33.32)
ANODIZED
ALUMINUM
MOUNTING PLATE
#4-40 MTG HOLE
4 PLACES
LGH
CONNECTOR
OUTPUT
TOP VIEW
PRODUCT DESCRIPTION
PRODUCT DESCRIPTION
PROGRAMMING INSTRUCTIONS
These adapters provide convenient prototyping and evaluation during
system development and integration. They allow C Series modules to
be mounted to a chassis instead of designed into a PC board.
Extra filtering on the input and output improves performance. A schottky
diode on the input provides reverse polarity protection. Input connector
is via a 15P SUB MIN-D plug (mate supplied) and output is via an LGH
style coaxial connector (mate supplied).
ORDERING INFORMATION:
Please note when ordering a CM4 the C Series is not included and must
be ordered separately.
Onboard Potentiometer: connect pins 7 to 4 and 8 to 3, turn
potentiometer to adjust high voltage.
OR
Remote Potentiometer: connect wiper arm to pin 3, other sides
to pins 4 and 2.
OR
Remote Analog Signal: apply programming voltage to pin 3,
return to pin 2.
C SERIES
CM4: MODELS C50, C50N, C60, C60N, C80 and C80N
Dimensions are in inches (metric equivalents are in parentheses)
Dimensional tolerances: .xx +/- 0.02 (0.51mm)
.xxx +/- 0.005 (0.127mm)


Similar Part No. - C15

ManufacturerPart #DatasheetDescription
logo
Powerbox
C15 POWERBOX-C15 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Amphenol Corporation
C15-71869-XXX AMPHENOL-C15-71869-XXX Datasheet
151Kb / 1P
   d-sub technical data
logo
Crystek Corporation
C15-SMD CRYSTEKCRYSTAL-C15-SMD Datasheet
110Kb / 1P
   32.768KHz Ultra-Miniature SMD
logo
New Jersey Semi-Conduct...
C150 NJSEMI-C150 Datasheet
181Kb / 2P
   High Power Silicon Controlled Rectifier
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
   Overvoltage protection with auto restart
More results

Similar Description - C15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com