Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C25 Datasheet(PDF) 8 Page - XP Power Limited

Part # C25
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C25 Datasheet(HTML) 8 Page - XP Power Limited

Back Button C25 Datasheet HTML 4Page - XP Power Limited C25 Datasheet HTML 5Page - XP Power Limited C25 Datasheet HTML 6Page - XP Power Limited C25 Datasheet HTML 7Page - XP Power Limited C25 Datasheet HTML 8Page - XP Power Limited C25 Datasheet HTML 9Page - XP Power Limited C25 Datasheet HTML 10Page - XP Power Limited C25 Datasheet HTML 11Page - XP Power Limited C25 Datasheet HTML 12Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
4711CR
WWW.XPPOWER.COM
PAGE 8
1.11
(28.19)
1.40 (35.56)
PC PINS
0.031 (.79) DIA
4 PLACES
0.20 (5.08)
0.50
(12.70)
4
3
1 5
2
BOTTOM
VIEW
10.00"
0.25 (6.35)
0
0.100 (2.54)
0.500 (12.7)
0.09 (2.29)
0.250 (6.35)
0.65 (16.51)
HV OUTPUT LEAD
22AWG 3KV, 0.07 (1.78) O.D.
SILICONE WIRE,
RED
0.35
(8.89)
4
3
1
2
5
RECOMMENDED
HOLE & PAD SIZE:
ø0.052 & ø0.082
4 PLACES
ø0.187 (4.75) MIN
FOR POT ACCESS
0
0.250
(6.35)
0.100
(2.54)
0.500 (12.7)
0.09
(2.29)
0.65 (16.51)
GAIN
ADJUST
TOP VIEW
RECOMMENDED
PCB LAYOUT
TOP VIEW
C SERIES
MECHANICAL SPECIFICATIONS C01-C20 - Flying Lead Option (100V TO 2kV)
PIN #
FUNCTION
1
(+) INPUT
2
GROUND
3
PROGRAMMING VOLTAGE
4
CASE GROUND*4
LEAD
HV OUT
PARAMETER
VALUE
WEIGHT
1.1 OUNCES (31.0 GRAMS)
VOLUME
0.77 CUBIC INCHES (12.62 CUBIC CENTIMETERS)
DIMENSIONS
1.40L (35.56L) x 1.11W (28.19W) x 0.50H (12.70H)
CASE MATERIAL
ZINC PLATED STEEL
Dimensions are in inches (metric equivalents are in parentheses)
Dimensional tolerances: .xx +/- 0.02 (0.51mm)
.xxx +/- 0.005 (0.127mm)


Similar Part No. - C25

ManufacturerPart #DatasheetDescription
logo
Powerbox
C25 POWERBOX-C25 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Surge Components
C25 SURGE-C25 Datasheet
5Mb / 15P
   High impulsc and pulse strength
logo
TP-Link Technologies Co...
C25 TP-LINK-C25 Datasheet
1Mb / 2P
   AC900 Wireless Dual Band Router
logo
Powerbox
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
   Overvoltage protection with auto restart
logo
Toshiba Semiconductor
C2500 TOSHIBA-C2500 Datasheet
120Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process)
More results

Similar Description - C25

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com