Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH02 Datasheet(PDF) 6 Page - XP Power Limited

Part # AH02
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AH02 Datasheet(HTML) 6 Page - XP Power Limited

Back Button AH02 Datasheet HTML 2Page - XP Power Limited AH02 Datasheet HTML 3Page - XP Power Limited AH02 Datasheet HTML 4Page - XP Power Limited AH02 Datasheet HTML 5Page - XP Power Limited AH02 Datasheet HTML 6Page - XP Power Limited AH02 Datasheet HTML 7Page - XP Power Limited AH02 Datasheet HTML 8Page - XP Power Limited AH02 Datasheet HTML 9Page - XP Power Limited AH02 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4389U04
PAGE 6
WWW.XPPOWER.COM
PARAMETER
VALUE
WEIGHT
< 0.30 OZ. (8.49 GRAMS)
VOLUME
< 0.15 CUBIC INCHES (2.45 CUBIC CENTIMETERS)
DIMENSIONS
1.33L (33.78L) x 0.45W (11.43W) x 0.25H (6.35H)
TOP VIEW
SIDE VIEW
MECHANICAL SPECIFICATIONS (6,000V)
A and AH SERIES
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)
PIN #
FUNCTION
1
(–) INPUT
2
(+) INPUT
3
HV OUT
4
HV RTN
5
CONTROL


Similar Part No. - AH02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
AH0014C NSC-AH0014C Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
AH0014CD NSC-AH0014CD Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
AH0014D NSC-AH0014D Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
AH0015 NSC-AH0015 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
More results

Similar Description - AH02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com