Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C50 Datasheet(PDF) 4 Page - XP Power Limited

Part # C50
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C50 Datasheet(HTML) 4 Page - XP Power Limited

  C50 Datasheet HTML 1Page - XP Power Limited C50 Datasheet HTML 2Page - XP Power Limited C50 Datasheet HTML 3Page - XP Power Limited C50 Datasheet HTML 4Page - XP Power Limited C50 Datasheet HTML 5Page - XP Power Limited C50 Datasheet HTML 6Page - XP Power Limited C50 Datasheet HTML 7Page - XP Power Limited C50 Datasheet HTML 8Page - XP Power Limited C50 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.11
(28.19)
1.40 (35.56)
PC PINS
0.031 (.79) DIA
5 PLACES
0.20 (5.08)
0.50
(12.70)
GAIN
ADJUST
4
3
1 5
2
BOTTOM
VIEW
TOP VIEW
0
0.100 (2.54)
0.500 (12.7)
0.09 (2.29)
0.250 (6.35)
0.65 (16.51)
4
3
1
2
5
RECOMMENDED
HOLE & PAD SIZE:
ø0.052 & ø0.082
5 PLACES
ø0.187 (4.75) MIN
FOR POT ACCESS
0
0.250
(6.35)
0.100
(2.54)
0.500 (12.7)
0.09
(2.29)
0.65 (16.51)
TOP VIEW
RECOMMENDED
PCB LAYOUT
4711CR
WWW.XPPOWER.COM
PAGE 4
PIN #
FUNCTION
1
(+) INPUT
2
GROUND
3
PROGRAMMING VOLTAGE
4
HV OUT
5
CASE GROUND*4
PARAMETER
VALUE
WEIGHT
1.1 OUNCES (31.0 GRAMS)
VOLUME
0.77 CUBIC INCHES (12.62 CUBIC CENTIMETERS)
DIMENSIONS
1.40L (35.56L) x 1.11W (28.19W) x 0.50H (12.70H)
CASE MATERIAL
ZINC PLATED STEEL
Dimensions are in inches (metric equivalents are in parentheses)
Dimensional tolerances: .xx +/- 0.02 (0.51mm)
.xxx +/- 0.005 (0.127mm)
MECHANICAL SPECIFICATIONS C01 to C20 (100V to 2kV)
C SERIES


Similar Part No. - C50

ManufacturerPart #DatasheetDescription
logo
Powerbox
C50 POWERBOX-C50 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
TP-Link Technologies Co...
C50 TP-LINK-C50 Datasheet
1Mb / 6P
   Wireless Dual Band Gigabit Router
C50 TP-LINK-C50 Datasheet
2Mb / 5P
   Wireless Travel Router
logo
List of Unclassifed Man...
C50-28 ETC-C50-28 Datasheet
150Kb / 3P
   50 WATTS - 28VOLTS 200-450 MHZ
C50-28-3 ETC-C50-28-3 Datasheet
150Kb / 3P
   50 WATTS - 28VOLTS 200-450 MHZ
More results

Similar Description - C50

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com