Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1204 Datasheet(PDF) 3 Page - SMSC Corporation

Part # EMC1204
Description  Triple/Quad Single-Wire Temp Sensor in MSOP-8
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1204 Datasheet(HTML) 3 Page - SMSC Corporation

  EMC1204 Datasheet HTML 1Page - SMSC Corporation EMC1204 Datasheet HTML 2Page - SMSC Corporation EMC1204 Datasheet HTML 3Page - SMSC Corporation EMC1204 Datasheet HTML 4Page - SMSC Corporation EMC1204 Datasheet HTML 5Page - SMSC Corporation EMC1204 Datasheet HTML 6Page - SMSC Corporation EMC1204 Datasheet HTML 7Page - SMSC Corporation EMC1204 Datasheet HTML 8Page - SMSC Corporation EMC1204 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBusTM Sensor Interface
Datasheet
SMSC EMC1203/EMC1204
3
Revision 1.1 (06-11-08)
DATASHEET
Chapter 1 Pin Configuration
Figure 1.1 EMC1203 and EMC1204 Pin Configuration
1.1
Pin Description
Table 1.1 EMC1203 and EMC1204 Pin Description
PIN
PIN NO.
DESCRIPTION
DP1
1
Positive Analog Connection to External Temperature Diode 1
DN1
2
Negative Analog Connection to External Temperature Diode 1
DN2/DP3
3
Negative Analog Connection to External Temperature Diode 2
Positve Analog Connection to External Temperature Diode 3, EMC1204 only
DP2/DN3
4
Positve Analog Connection to External Temperature Diode 2
Negative Analog Connection to External Temperature Diode 3, EMC1204 only
BBUS
5
Serial Bus Interface to BBUS Host
SCLK
6
Normally GND, this pin may be configured to source a synchronous clock.
GND
7
Ground
VDD
8
Supply Voltage VDD
EMC1203/
EMC1204
TOP VIEW
8
7
6
5
1
2
3
4
DP1
DN1
DN2/DP3
DP2/DN3
VDD
GND
SCLK
BBUS


Similar Part No. - EMC1204

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1204 SMSC-EMC1204 Datasheet
308Kb / 10P
   Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface
EMC1204-ACZL-TR SMSC-EMC1204-ACZL-TR Datasheet
308Kb / 10P
   Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface
More results

Similar Description - EMC1204

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1203 SMSC-EMC1203 Datasheet
308Kb / 10P
   Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface
logo
Linear Technology
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
logo
Analog Devices
AD7314 AD-AD7314_03 Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
AD7314 AD-AD7314_15 Datasheet
176Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
logo
SMSC Corporation
EMC1201 SMSC-EMC1201 Datasheet
644Kb / 10P
   Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface
logo
Linear Technology
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com