Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH03 Datasheet(PDF) 2 Page - XP Power Limited

Part # AH03
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AH03 Datasheet(HTML) 2 Page - XP Power Limited

  AH03 Datasheet HTML 1Page - XP Power Limited AH03 Datasheet HTML 2Page - XP Power Limited AH03 Datasheet HTML 3Page - XP Power Limited AH03 Datasheet HTML 4Page - XP Power Limited AH03 Datasheet HTML 5Page - XP Power Limited AH03 Datasheet HTML 6Page - XP Power Limited AH03 Datasheet HTML 7Page - XP Power Limited AH03 Datasheet HTML 8Page - XP Power Limited AH03 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4389U04
PAGE 2
WWW.XPPOWER.COM
INPUT CURRENT
A MODELS – 1 Watt
AH MODELS – 1.5 Watt
VIN
NO-LOAD
FULL-LOAD
NO-LOAD
FULL-LOAD
5 VDC
<300mA
<500mA
<300mA
<550mA
12 VDC
<100mA
<185mA
<125mA
<250mA
24 VDC
<25mA
<60mA
<40mA
<120mA
OUTPUT VOLTAGE*2
(To select polarity, see pg. 10 - How to Order)
STANDARD 1 WATT - A MODEL
1.5 WATT OPTION - AH MODEL
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P*4
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P*4
0 to 100 VDC
A01
10 mA
5%
AH01
15 mA
2%
0 to 200 VDC
A02
5 mA
1%
AH02
7.5 mA
3%
0 to 250 VDC
A025
4 mA
.90%
AH025
6 mA
1.2%
0 to 300 VDC
A03
3.33 mA
.70%
AH03
5 mA
.70%
0 to 400 VDC
A04
2.5mA
.50%
AH04
3.75 mA
.75%
0 to 500 VDC
A05
2 mA
.50%
AH05
3 mA
.70%
0 to 600 VDC
A06
1.67 mA
1%
AH06
2.5 mA
2%
0 to 700 VDC
A07
1.43 mA
.50%
AH07
2.15 mA
1.2%
0 to 800 VDC
A08
1.25 mA
1%
AH08
1.87 mA
1.2%
0 to 900 VDC
A09
1.1 mA
1%
AH09
1.67 mA
1.2%
0 to 1000 VDC
A10
1 mA
.79%
AH10
1.5 mA
1%
0 to 1200 VDC
A12
0.83 mA
.50%
AH12
1.25 mA
.60%
0 to 1500 VDC
A15
0.67 mA
.40%
AH15
1 mA
.60%
0 to 2000 VDC
A20
0.5 mA
.30%
AH20
0.75 mA
.50%
0 to 3000 VDC
A30
0.33 mA
.20%
AH30
0.5 mA
.20%
0 to 4000 VDC
A40
0.25 mA
.12%
0 to 5000 VDC
A50
0.2 mA
.15%
0 to 6000 VDC
A60
0.167 mA
.15%
AH60
0.25 mA
.25%
A SERIES
ELECTRICAL SPECIFICATIONS*3
0 TO 5V ONLY (FOR MODELS OVER 3kV)


Similar Part No. - AH03

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
AH03L SIRENZA-AH03L Datasheet
121Kb / 1P
   COUPLER Product Specification
AH03LZ SIRENZA-AH03LZ Datasheet
121Kb / 1P
   COUPLER Product Specification
More results

Similar Description - AH03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com