Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGH07 Datasheet(PDF) 10 Page - XP Power Limited

Part # AGH07
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AGH07 Datasheet(HTML) 10 Page - XP Power Limited

Back Button AGH07 Datasheet HTML 2Page - XP Power Limited AGH07 Datasheet HTML 3Page - XP Power Limited AGH07 Datasheet HTML 4Page - XP Power Limited AGH07 Datasheet HTML 5Page - XP Power Limited AGH07 Datasheet HTML 6Page - XP Power Limited AGH07 Datasheet HTML 7Page - XP Power Limited AGH07 Datasheet HTML 8Page - XP Power Limited AGH07 Datasheet HTML 9Page - XP Power Limited AGH07 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4718L02
PAGE 10
WWW.XPPOWER.COM
HOW TO ORDER
AG - Model
20 - Output Voltage/100 (See table)
EXAMPLE:
AG20N-12T (AG - Model, 20 - Output Voltage, N - Negative, 12 - Input Voltage,
T - Extended Operating Temperature)
PART NUMBER SELECTOR:
Model Number:
AG 20 N - 12 T
T - Extended Operating Temperature
12 - Input Voltage
N - Polarity Designator
ORDERING INFORMATION
ORDER CODE
AVAILABILITY
OUTPUT VOLTAGE
1 WATT
AG
ALL
1.5 WATT
AGH
ALL
POLARITY DESIGNATOR
POSITIVE OUTPUT
P
ALL
NEGATIVE OUTPUT
N
ALL
INPUT VOLTAGE
5 VDC
5
ALL/Except AGH01 Model
12 VDC
12
UP TO 3KV
24 VDC
24
UP TO 3KV
OPTIONS
EXTENDED TEMP
T
AG MODELS/1W
*Note:
1. At maximum rated output voltage.
2. Output Voltage is load dependent. Under light or no-load conditions, reduce the Input Voltage so maximum rated Output Voltage is not exceeded.
3. Specifications after 30 minute warm-up, full-load, at 25ºC, unless otherwise noted.
4. Ripple may be reduced substantially by the addition of an external RC filter.
5. Volume will vary depending on package size.
6. Proper thermal management techniques are required to maintain safe case temperature at maximum power output.
7. The AGH01 is only available in 12V or 24V.
OPTION CODES
AG SERIES
XP EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP EMCO standard product models are not recommended for “copy-exact” applications or any other application restricting product
changes. “Copy-exact” options are available. Please contact an XP EMCO sales representative for more details.


Similar Part No. - AGH07

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AGH100-48S3V3-4L ARTESYN-AGH100-48S3V3-4L Datasheet
505Kb / 2P
   Half Brick Fully Regulated DCDC Converter
AGH100-48S3V3B-4L ARTESYN-AGH100-48S3V3B-4L Datasheet
505Kb / 2P
   Half Brick Fully Regulated DCDC Converter
AGH100-48S3V3P-4L ARTESYN-AGH100-48S3V3P-4L Datasheet
505Kb / 2P
   Half Brick Fully Regulated DCDC Converter
AGH100-48S3V3PB-4L ARTESYN-AGH100-48S3V3PB-4L Datasheet
505Kb / 2P
   Half Brick Fully Regulated DCDC Converter
AGH150-48S05-6 ARTESYN-AGH150-48S05-6 Datasheet
1Mb / 3P
   Total Power: 150 Watts
More results

Similar Description - AGH07

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com