Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1204-ACZL-TR Datasheet(PDF) 6 Page - SMSC Corporation

Part # EMC1204-ACZL-TR
Description  Triple/Quad Single-Wire Temp Sensor in MSOP-8
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1204-ACZL-TR Datasheet(HTML) 6 Page - SMSC Corporation

Back Button EMC1204-ACZL-TR Datasheet HTML 2Page - SMSC Corporation EMC1204-ACZL-TR Datasheet HTML 3Page - SMSC Corporation EMC1204-ACZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1204-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1204-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1204-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1204-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1204-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1204-ACZL-TR Datasheet HTML 10Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBusTM Sensor Interface
Datasheet
Revision 1.1 (06-11-08)
6
SMSC EMC1203/EMC1204
DATASHEET
Chapter 3 Product Description
The EMC1203 and EMC1204 are temperature sensors with a proprietary single wire SMSC
BudgetBus™ Sensor Interface. Temperature information is communicated to a host device via the
serial bus. All intelligence regarding the interpretation of temperature resides in the host. Figure 3.1,
"System Overview" shows a typical system overview:
Figure 3.1 System Overview
In cooperation with the host device, thermal management can be performed as shown in Figure 3.1.
Thermal management consists of the host acquiring the temperature data from the EMC1203 and
EMC1204 controlling the speed of one or more fans. The host has the ability to compare measured
temperature levels to preset limits and take the appropriate action when values are found to be out of
limit. The EMC1203 and the DP1/DN1 port of the EMC1204 are compatible with CPU substrate diodes.
Two separate temperature zones are monitored using only two pins on the EMC1204. This is
accomplished using two anti-parallel diodes as shown on the pins DP2/DN3 and DN2/DP3 in
Figure 3.1. This technique maintains high accuracy while minimizing pin count and reducing board
routing complexity. The anti-parallel diode architecture performs very well with diode connected
transistors. It is not compatible with substrate transistors (sometimes called thermal diodes or on-chip
sense junctions).
3.1
Temperature Monitors
Thermal diode temperature measurements are based on the change in forward bias voltage (
ΔV
BE) of
a diode when operated at two different currents:
The change in
ΔV
BE voltage is proportional to absolute temperature T.
where:
k = Boltzmann’s constant
T = absolute temperature in Kelvin
q = electron charge
η = diode ideality factor
EMC1203/
EMC1204
Host
(KBC1100)
BBUS
Interface
DP1
DN1
DP2/DN3
DN2/DP3
BBUS
⎟⎟
⎜⎜
=
=
Δ
LOW
HIGH
LOW
BE
HIGH
BE
BE
I
I
q
kT
V
V
V
ln
_
_
η


Similar Part No. - EMC1204-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1204-ACZL-TR SMSC-EMC1204-ACZL-TR Datasheet
308Kb / 10P
   Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface
More results

Similar Description - EMC1204-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1203 SMSC-EMC1203 Datasheet
308Kb / 10P
   Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface
logo
Linear Technology
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
logo
Analog Devices
AD7314 AD-AD7314_03 Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
AD7314 AD-AD7314_15 Datasheet
176Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
logo
SMSC Corporation
EMC1201 SMSC-EMC1201 Datasheet
644Kb / 10P
   Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface
logo
Linear Technology
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com