Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1114-1-EZK-TR Datasheet(PDF) 1 Page - SMSC Corporation

Part # CAP1114-1-EZK-TR
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114-1-EZK-TR Datasheet(HTML) 1 Page - SMSC Corporation

  CAP1114-1-EZK-TR Datasheet HTML 1Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 2Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 3Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 4Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 5Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 6Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 7Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 8Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
SMSC CAP1114
DATASHEET
Revision 1.1 (02-04-11)
Datasheet
PRODUCT FEATURES
CAP1114
Multiple Channel Capacitive
Touch Sensor and LED Driver
General Description
The CAP1114, which incorporates SMSC’s
RightTouchTM1 technology, is a multiple channel
Capacitive Touch sensor and LED Driver.
The CAP1114 contains up to fourteen (14) individual
Capacitive Touch sensor inputs with programmable
sensitivity for use in touch button and slider switch
applications. Each sensor also contains automatic
recalibration with programmable time delays.
The CAP1114 also includes internal circuitry to
compensate for design and parasitic variance in un-
touched capacitance on sensors.
The CAP1114 also contains eleven (11) low side LED
drivers that offer full-on / off, variable rate blinking,
dimness controls, and breathing. Capacitive buttons can
be linked to LED outputs.
Applications
Consumer Electronics
Desktop and Notebook PCs
LCD Monitors
Features
Fourteen (14) capacitive touch sensor inputs
— Compensates for variable sensor capacitance
— Programmable sensitivity
— High SNR allows for easy tuning
— Automatic recalibration
— Slider acceleration detection
— Slider positional detection
— Proximity detection
Lid closure detection
Low power operation
— 4.5uA quiescent current in Deep Sleep
— 200uA quiescent current in Sleep while monitoring 1
button
Alert to signal touch to host processor
User controlled reset
Low external component count
SMBus 2.0 compliant interface to change operating
parameters to work in a wide variety of systems
— Block Read and Write function for quick tasking
Eleven (11) LED driver outputs
— Programmable blink, breathe, and dimness controls
— 8 configurable as GPIOs
— Buttons can be linked to LED responses
Development boards and software available
Available in 32-pin 5mm x 5mm QFN Lead-free
RoHS Compliant package
Block Diagram
1. SMSC and the SMSC logo are registered trademarks and SMSC
RightTouch and the RightTouch logo are trademarks of Standard
Microsystems Corporation (“SMSC”).
SMBus
Slave
Protocol
SMCLK
SMDATA
VDD GND
ALERT
Capacitive Sensing Algorithm
LED Blink, Breathe, and Dimness control
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
CS1
CS2
CS3
CS4
CS5
CS6
CS7
CS8
CS9
CS10
CS11
CS12
CS13
CS14
RESET


Similar Part No. - CAP1114-1-EZK-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1114-1-EZK-TR MICROCHIP-CAP1114-1-EZK-TR Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.1 02-04-11
More results

Similar Description - CAP1114-1-EZK-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1214 SMSC-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
logo
Microchip Technology
CAP1114 MICROCHIP-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.1 02-04-11
logo
SMSC Corporation
CAP1014 SMSC-CAP1014 Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
logo
Microchip Technology
CAP1214 MICROCHIP-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com