Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX6QP-SDB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MCIMX6QP-SDB
Description  SABRE Board for Smart Devices
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX6QP-SDB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MCIMX6QP-SDB Datasheet HTML 4Page - NXP Semiconductors MCIMX6QP-SDB Datasheet HTML 5Page - NXP Semiconductors MCIMX6QP-SDB Datasheet HTML 6Page - NXP Semiconductors MCIMX6QP-SDB Datasheet HTML 7Page - NXP Semiconductors MCIMX6QP-SDB Datasheet HTML 8Page - NXP Semiconductors MCIMX6QP-SDB Datasheet HTML 9Page - NXP Semiconductors MCIMX6QP-SDB Datasheet HTML 10Page - NXP Semiconductors MCIMX6QP-SDB Datasheet HTML 11Page - NXP Semiconductors MCIMX6QP-SDB Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
10
SWITCH FUNCTIONS
BUTTON OPERATIONS
Table 4 shows the functions of the five pushbutton switches on the board.
ITEM
DESCRIPTION
POWER SW1
SABRE board POWER button
Momentary depress of button will place the system in standby.
Long press of the button will display a software drive shutdown option
menu.
Prolonged depress (> 5 sec) will force an immediate hardware
shutdown.
If board is in the OFF state, momentary depress of button will restart
(boot) the system.
If board is in the STANDBY state, momentary depress of the button will
bring the system out of standby (resume operations, no boot)
RESET SW2
SABRE board RESET button
Momentary depress of button will reset the system and begin a boot
sequence.
SHUTDOWN SW3
SABRE board shutdown switch
Sliding the switch to the O position connects the 5 V power supply
to the SABRE board main power system.
Sliding the shutdown switch immediately removes all power
to the board.
Volume up SW4
Volume +
Volume down SW5
Volume -
Table 4: SABRE Board for Smart Devices Button Operations
Quick Start Guide


Similar Part No. - MCIMX6QP-SDB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6QP4AVT1AA NXP-MCIMX6QP4AVT1AA Datasheet
3Mb / 166P
   i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
Rev. 3, 11/2018
MCIMX6QP4AVT1AA NXP-MCIMX6QP4AVT1AA Datasheet
3Mb / 168P
   i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
Rev. 3, 11/2018
MCIMX6QP4AVT1AA NXP-MCIMX6QP4AVT1AA Datasheet
2Mb / 160P
   i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
MCIMX6QP4AVT1AB NXP-MCIMX6QP4AVT1AB Datasheet
3Mb / 166P
   i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
Rev. 3, 11/2018
MCIMX6QP4AVT1AB NXP-MCIMX6QP4AVT1AB Datasheet
3Mb / 168P
   i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
Rev. 3, 11/2018
More results

Similar Description - MCIMX6QP-SDB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX6Q-SDB FREESCALE-MCIMX6Q-SDB Datasheet
581Kb / 2P
   SABRE Board for Smart Devices Based on the i.MX 6 Series
logo
List of Unclassifed Man...
CM-IMX53 ETC2-CM-IMX53 Datasheet
1Mb / 31P
   Smart Mobile Devices
logo
STMicroelectronics
RM0345 STMICROELECTRONICS-RM0345 Datasheet
685Kb / 38P
   calibration adapter board for SPC563M64xx devices
logo
Melexis Microelectronic...
PTC04-DB-90316 MELEXIS-PTC04-DB-90316 Datasheet
313Kb / 9P
   Daughter Board for Melexis PTC devices
PTC04-DB-HALL06 MELEXIS-PTC04-DB-HALL06 Datasheet
1Mb / 14P
   Daughter Board for Melexis PTC devices
PTC04-DB-HALL02 MELEXIS-PTC04-DB-HALL02 Datasheet
370Kb / 8P
   Daughter Board for Melexis PTC devices
PTC04-DB-HALL06 MELEXIS-PTC04-DB-HALL06_V01 Datasheet
1Mb / 23P
   Daughter Board for Melexis PTC devices
REVISION 7 - 20 December 2021
PTC04-DB-HALL03 MELEXIS-PTC04-DB-HALL03 Datasheet
226Kb / 8P
   Daughter Board for Melexis PTC devices
PTC04-DB-922XX MELEXIS-PTC04-DB-922XX Datasheet
354Kb / 8P
   Daughter Board for Melexis PTC devices
logo
NXP Semiconductors
IMXSABREAI2FS NXP-IMXSABREAI2FS Datasheet
95Kb / 2P
   SABRE Platform for Automotive Infotainment
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com