Electronic Components Datasheet Search |
|
MBA02040C9DCT00 Datasheet(PDF) 6 Page - Vishay Siliconix |
|
MBA02040C9DCT00 Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 15 page MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional www.vishay.com Vishay Beyschlag Revision: 02-Nov-15 6 Document Number: 28766 For technical questions, contact: filmresistorsleaded@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes • Approval is according to EN 140101-806, version A. • Radial version (RB, UB) cannot be qualified according to CECC so these can only be ordered as standard products. Note (1) Manufacturing at different production locations may involve use of different size box. PART NUMBER AND PRODUCT DESCRIPTION - CECC Approved Products PART NUMBER: MBB0207VC1001FCT00 M B B 0207 V C 1001 F C T 0 0 TYPE/SIZE VARIANT TCR RESISTANCE TOLERANCE PACKAGING SPECIAL MBA0204 = MBA/SMA 0204 MBB0207 = MBB/SMA 0207 MBE0414 = MBE/SMA 0414 V = CECC 06 D = ± 25 ppm/K C = ± 50 ppm/K Z = jumper 3 digit value 1 digit multiplier MULTIPLIER 7 = *10-3 8 = *10-2 9 = *10-1 0 = *100 1 = *101 2 = *102 3 = *103 4 = *104 5 = *105 6 = *106 0000 = jumper D = ± 0.5 % F = ± 1 % J = ± 5 % Z = jumper CT C1 RP R2 00 = standard L0 = welding joint not lacquered for MBB/SMA 0207 KL = lacquered welding joint for MBA/SMA 0204 Product Description: MBB/SMA 0207-50 1 % CECC 06 CT 1K0 MBB/SMA 0207 - 50 1 % CECC 06 CT 1K0 TYPE/SIZE TCR TOLERANCE VARIANT PACKAGING RESISTANCE MBA/SMA 0204 MBB/SMA 0207 MBE/SMA 0414 ± 25 ppm/K ± 50 ppm/K ± 0.5 % ± 1.0 % ± 5.0 % CECC 06 CECC 06 L0 CECC 06 KL CT C1 RP R2 1K0 = 1 k Ω 51R1 = 51.1 Ω PACKAGING TYPE / SIZE CODE QUANTITY PACKAGING STYLE WIDTH PITCH DIMENSIONS MBA/SMA 0204 C1 1000 Taped acc. to IEC 60286-1 fan-folded in a box 53 mm 5 mm 184 mm x 75 mm x 42 mm CT 5000 330 mm x 75 mm x 55 mm RP 5000 Taped acc. to IEC 60286-1 on a reel 53 mm 5 mm 242 mm x 76 mm x 86 mm MBB/SMA 0207 (1) C1 1000 Taped acc. to IEC 60286-1 fan-folded in a box 53 mm 5 mm 184 mm x 74 mm x 42 mm 260 mm x 78 mm x 31 mm CT 5000 260 mm x 75 mm x 114 mm 324 mm x 77 mm x 82 mm RP 5000 Taped acc.to IEC 60286-1 on a reel 53 mm 5 mm 315 mm x 76 mm x 86 mm 298 mm x 75 mm x 86 mm MBB/SMA 0207 UB = 2.5 mm pitch N4 4000 Taped acc. to IEC 60286-2 fan-folded in a box - 12.7 mm 330 mm x 262 mm x 45 mm R4 4000 Taped acc. to IEC 60286-2 on a reel 330 mm x 253 mm x 48 mm MBB/SMA 0207 RB = 5 mm pitch N4 4000 Taped acc. to IEC 60286-2 fan-folded in a box - 12.7 mm 330 mm x 262 mm x 45 mm R4 4000 Taped acc. to IEC 60286-2 on a reel 330 mm x 253 mm x 48 mm MBE/SMA 0414 C1 1000 Taped acc. to IEC 60286-1 fan-folded in a box 63 mm 5 mm 374 mm x 84 mm x 47 mm R2 2500 Taped acc. to IEC 60286-1 on a reel 315 mm x 80 mm x 90 mm |
Similar Part No. - MBA02040C9DCT00 |
|
Similar Description - MBA02040C9DCT00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |