Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2371 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2371
Description  LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2371 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2371 Datasheet HTML 1Page - Texas Instruments TPS2371 Datasheet HTML 2Page - Texas Instruments TPS2371 Datasheet HTML 3Page - Texas Instruments TPS2371 Datasheet HTML 4Page - Texas Instruments TPS2371 Datasheet HTML 5Page - Texas Instruments TPS2371 Datasheet HTML 6Page - Texas Instruments TPS2371 Datasheet HTML 7Page - Texas Instruments TPS2371 Datasheet HTML 8Page - Texas Instruments TPS2371 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TPS2371
SLUS566A − JULY 2003 − REVISED NOVEMBER 2003
5
www.ti.com
DETAILED PIN DESCRIPTIONS (continued)
EN_DC (Pin 6)
Enable pin for the load. This pin is intended to be used with a dc-to-dc coverter with a soft start capacitor. When
power is not available to the dc-to-dc converter, this pin sinks 80-
µA and hold off the softstart cap on the dc-to-dc
converter. Once the voltage across the load is within 1.5 V of its final value, the EN_DC pin stops drawing current
and become high impedance, allowing the dc-to-dc to soft start normally.
DELAY (Pin 7)
This pin controls the amount of time that the device ignores an undervoltage condition on VDD. That time is set
by the following equation:
T
DELAY +
100 ms
mF
C
DELAY
VDD (Pin 8)
Positive supply to the device.
Table 1. PoE Classification Resistance Values
CLASS
RESISTANCE
(RCLASS) VALUE (Ω)
POWERED DEVICES
(PDs) Power (W)
CLASSIFICATION
CURRENT (mA)
0
4420
0.44 − 12.95
2.5
1
953
0.44 − 3.84
10.8
2
549
3.84 − 6.49
18.6
3
357
6.49 − 12.95
28.4
4
255
reserved for future use
39.6
(2)


Similar Part No. - TPS2371

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2371 TI1-TPS2371 Datasheet
1Mb / 21P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371DR TI1-TPS2371DR Datasheet
1Mb / 21P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371PWR TI1-TPS2371PWR Datasheet
1Mb / 21P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371 TI1-TPS2371_15 Datasheet
1Mb / 21P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
More results

Similar Description - TPS2371

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2371 TI1-TPS2371_15 Datasheet
1Mb / 21P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
SL Power Electronics
PW180KB SLPOWER-PW180KB Datasheet
270Kb / 2P
   Power over Ethernet IEEE802.3af Compliant
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
logo
XP Power Limited
POE XPPOWER-POE Datasheet
164Kb / 2P
   Power Over Ethernet Compatible
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
logo
Phihong USA Inc.
POE29U-1AF PHIHONG-POE29U-1AF Datasheet
239Kb / 3P
   20W Single Port Power over Ethernet Midspan IEEE802.3AF Compliant Power Injector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com