Electronic Components Datasheet Search |
|
MBA0204SD5DCT00 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
MBA0204SD5DCT00 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 15 page MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional www.vishay.com Vishay Beyschlag Revision: 02-Nov-15 1 Document Number: 28766 For technical questions, contact: filmresistorsleaded@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Professional Thin Film Leaded Resistors DESCRIPTION MBA/SMA 0204, MBB/SMA 0207, and MBE/SMA 0414 professional leaded thin film resistors are the general purpose resistor for all fields of professional electronics where reliability and stability is of major concern. Typical applications include industrial, telecommunication, automotive, and medical equipment. FEATURES • CECC version (IECQ-CECC approved according to EN 140101-806) • Excellent overall stability: class 0.25 • Wide ohmic range: 0.22 Ω to 22 MΩ • AEC-Q200 qualified available (1) • Radial version available for MBB/SMA 0207 • Alternative termination wires available for e.g. welding (MBA/SMA0204 only) • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 Note (1) AEC-Q200 qualified parts are available per tables “Temperature Coefficient and Resistance Range”. APPLICATIONS • Industrial • Telecommunication • Medical equipment • Automotive Notes • MB_ series has been merged with the related SMA series to form one series “MB_/SMA__”. (2) Please refer to APPLICATION INFORMATION below. TECHNICAL SPECIFICATIONS DESCRIPTION MBA/SMA 0204 MBB/SMA 0207 MBE/SMA 0414 DIN size 0204 0207 0414 CECC size A B D Resistance range 0.22 Ω to 10 MΩ; 0 Ω 0.22 Ω to 22 MΩ; 0 Ω 0.22 Ω to 22 MΩ Resistance tolerance ± 5 %; ± 1 %; ± 0.5 % Temperature coefficient ± 50 ppm/K; ± 25 ppm/K Rated dissipation, P70 (2) 0.4 W 0.6 W 1.0 W Operating voltage, Umax. AC/DC 200 V 350 V 500 V Operating temperature range (2) -55 °C to 155 °C Peak permissible film temperature (2) 155 °C 155 °C 155 °C Insulation voltage: 1 min.; Uins 300 V 500 V 800 V Continuous 75 V 75 V 75 V Failure rate: FITobserved ≤ 0.1 x 10-9/h ≤ 0.1 x 10-9/h ≤ 0.1 x 10-9/h |
Similar Part No. - MBA0204SD5DCT00 |
|
Similar Description - MBA0204SD5DCT00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |