Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5124DBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5124DBT
Description  DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5124DBT Datasheet(HTML) 2 Page - Texas Instruments

  TPS5124DBT Datasheet HTML 1Page - Texas Instruments TPS5124DBT Datasheet HTML 2Page - Texas Instruments TPS5124DBT Datasheet HTML 3Page - Texas Instruments TPS5124DBT Datasheet HTML 4Page - Texas Instruments TPS5124DBT Datasheet HTML 5Page - Texas Instruments TPS5124DBT Datasheet HTML 6Page - Texas Instruments TPS5124DBT Datasheet HTML 7Page - Texas Instruments TPS5124DBT Datasheet HTML 8Page - Texas Instruments TPS5124DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TPS5124
SLUS571 − SEPTEMBER 2003
2
www.ti.com
ABSOLUTE MAXIMUM RATINGS
−40
°C ≤ TA ≤ 85°C, all voltage values are with respect to the network ground terminal unless otherwise noted. (1)
TPS5124
UNIT
VCC, STBY1, STBY2, TRIP1, TRIP2
−0.3 to 16
Input voltage range
LH1, LH2 wrt GND
−0.3 to 22
Input voltage range
LH1, LH2 (wrt the corresponding LL terminal)
−0.3 to 6
SS1, SS2, CT, INV1, INV2, SCP, VLSD
−0.3 to 6
OUT1_U, OUT2_U
−1 to 22
V
OUT1_U, OUT2_U (wrt the corresponding LL terminal)
−0.3 to 6
V
Ouput voltage range
LL1, LL2
−1 to 16
Ouput voltage range
OUT1_D, OUT2_D, VREF5, FB1, FB2
−0.3 to 6
OUTGND1, OUTGND2
−0.3 to 0.3
REF
−0.3 to 3
Output current range
VREF5
50
mA
Output current range
VREF
5
mA
Operating free-air temperature range, TA
−40 to 85
Storage temperature range, Tstg
−55 to 150
°C
Junction temperature range, TJ
−40
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under ”recommended operating conditions” is
not implied. Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
6.5
15
Supply voltage, VCC
(when VLSD is connected to VCC)
4.5
5.5
INV1, INV2, CT, SS1, SS2, SCP, FB1, FB2, OUT1_D, OUT2_D, VLSD
−0.1
5.9
V
Input voltage range
OUT1_U, OUT2_U, LH1, LH2
−0.1
21
V
Input voltage range
TRIP1, TRIP2, LL1, LL2, STBY1, STBY2
−0.1
15
Operating frequency, fOSC
300
500
kHz
Operating free-air temperature range, TA
−40
85
°C


Similar Part No. - TPS5124DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124DBT TI-TPS5124DBT Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBTG4 TI-TPS5124DBTG4 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBTR TI-TPS5124DBTR Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBTRG4 TI-TPS5124DBTRG4 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
More results

Similar Description - TPS5124DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Texas Instruments
TPS51225 TI1-TPS51225_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com