Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT15C-05SADJJ Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SMT15C-05SADJJ
Description  POWER Non-Isolated DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT15C-05SADJJ Datasheet(HTML) 3 Page - Artesyn Technologies

  SMT15C-05SADJJ_15 Datasheet HTML 1Page - Artesyn Technologies SMT15C-05SADJJ_15 Datasheet HTML 2Page - Artesyn Technologies SMT15C-05SADJJ_15 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMT15C Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use
of this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc.
All other names and logos referred to are trade names, trademarks, or registered trademarks of their respective
owners. © 2015 Artesyn Embedded Technologies, Inc.
SMT15C Series 06Apr2015
Mating Connectors
Mechanical Drawings
All dimensions in inches (mm)
All tolerance ±0.010in ( ±0.25mm)
unless otherwise stated
1.20
(30.5)
0.062
(1.57) REF
8 X 0.105
(2.67)
0.011
(0.27) TYP
0.054
(1.38)
0.234
(5.95)
0.901
(22.88)
4X
PIN 7
PIN 8
PIN 1
PIN 6
0.054
(1.38)
0.150
(3.81)
0.940
(23.88)
0.145
(3.68)
Seating Plane
Pin Assignments
Pin
Function
1
Vout
2
Vout
3
Power Good
4
Ground
5
Ground
6
Vin
7
Trim
8
Remote ON/OFF


Similar Part No. - SMT15C-05SADJJ_15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT15C-05SADJJ EMERSON-NETWORKPOWER-SMT15C-05SADJJ Datasheet
253Kb / 4P
   new high density open-frame, non-isolated converter for space sensitive applications
More results

Similar Description - SMT15C-05SADJJ_15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com