Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAL6524HEAZ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCAL6524HEAZ
Description  Ultra low-voltage translating 24-bit Fm I2C-bus/SMBus I/O expander with Agile I/O features, interrupt output and reset
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6524HEAZ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCAL6524HEAZ Datasheet HTML 2Page - NXP Semiconductors PCAL6524HEAZ Datasheet HTML 3Page - NXP Semiconductors PCAL6524HEAZ Datasheet HTML 4Page - NXP Semiconductors PCAL6524HEAZ Datasheet HTML 5Page - NXP Semiconductors PCAL6524HEAZ Datasheet HTML 6Page - NXP Semiconductors PCAL6524HEAZ Datasheet HTML 7Page - NXP Semiconductors PCAL6524HEAZ Datasheet HTML 8Page - NXP Semiconductors PCAL6524HEAZ Datasheet HTML 9Page - NXP Semiconductors PCAL6524HEAZ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
PCAL6524
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 1.1 — 21 September 2016
6 of 69
NXP Semiconductors
PCAL6524
Ultra low-voltage translating 24-bit Fm+ I2C-bus/SMBus I/O expander
5.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
TSSOP32 HUQFN32 Type
SCL
1
29
I
Serial clock line. Connect to VDD(I2C-bus) through a pull-up resistor.
SDA
2
30
I/O
Serial data line. Connect to VDD(I2C-bus) through a pull-up resistor.
VDD(I2C-bus)
3
31
power
supply
Supply voltage of I2C-bus. Connect directly to the VDD of the external
I2C-bus master. Provides voltage-level translation.
INT
4
32
O
Interrupt output. Connect to VDD(I2C-bus) or VDD(P) through a pull-up resistor.
P0_0[1]
5
1
I/O
Port 0 input/output 0.
P0_1[1]
6
2
I/O
Port 0 input/output 1.
P0_2[1]
7
3
I/O
Port 0 input/output 2.
P0_3[1]
8
4
I/O
Port 0 input/output 3.
P0_4[1]
9
5
I/O
Port 0 input/output 4.
P0_5[1]
10
6
I/O
Port 0 input/output 5.
P0_6[1]
11
7
I/O
Port 0 input/output 6.
P0_7[1]
12
8
I/O
Port 0 input/output 7.
P1_0[2]
13
9
I/O
Port 1 input/output 0.
P1_1[2]
14
10
I/O
Port 1 input/output 1.
P1_2[2]
15
11
I/O
Port 1 input/output 2.
P1_3[2]
16
12
I/O
Port 1 input/output 3.
P1_4[2]
17
13
I/O
Port 1 input/output 4.
P1_5[2]
18
14
I/O
Port 1 input/output 5.
P1_6[2]
19
15
I/O
Port 1 input/output 6.
P1_7[2]
20
16
I/O
Port 1 input/output 7.
P2_0[3]
21
17
I/O
Port 2 input/output 0.
P2_1[3]
22
18
I/O
Port 2 input/output 1.
P2_2[3]
23
19
I/O
Port 2 input/output 2.
P2_3[3]
24
20
I/O
Port 2 input/output 3.
P2_4[3]
25
21
I/O
Port 2 input/output 4.
P2_5[3]
26
22
I/O
Port 2 input/output 5.
P2_6[3]
27
23
I/O
Port 2 input/output 6.
P2_7[3]
28
24
I/O
Port 2 input/output 7.
VSS
29
25
ground Supply ground.
ADDR
30
26
I
Address input. Connect directly to VDD(I2C-bus), ground, SCL or SDA.
VDD(P)
31
27
power
supply
Supply voltage of PCAL6524 for Port P.


Similar Part No. - PCAL6524HEAZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
   Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6408ABS NXP-PCAL6408ABS Datasheet
2Mb / 48P
   Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6408AHK NXP-PCAL6408AHK Datasheet
2Mb / 48P
   Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6408APW NXP-PCAL6408APW Datasheet
2Mb / 48P
   Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6416A NXP-PCAL6416A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCAL6524HEAZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL9714 NXP-PCAL9714 Datasheet
708Kb / 56P
   Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
logo
Texas Instruments
TCAL6408 TI-TCAL6408_V04 Datasheet
1Mb / 48P
[Old version datasheet]   TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6416 TI-TCAL6416 Datasheet
1Mb / 42P
[Old version datasheet]   TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL6408 TI-TCAL6408_V02 Datasheet
1Mb / 42P
[Old version datasheet]   TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI1-TCAL6408_V05 Datasheet
1Mb / 51P
[Old version datasheet]   TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6408 TI-TCAL6408_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V03 Datasheet
1Mb / 45P
[Old version datasheet]   TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6416 TI-TCAL6416_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538 TI-TCAL9538 Datasheet
1Mb / 49P
[Old version datasheet]   TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com