Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1USB3S Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PESD1USB3S
Description  ESD protection for differential data lines
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD1USB3S Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PESD1USB3S Datasheet HTML 6Page - NXP Semiconductors PESD1USB3S Datasheet HTML 7Page - NXP Semiconductors PESD1USB3S Datasheet HTML 8Page - NXP Semiconductors PESD1USB3S Datasheet HTML 9Page - NXP Semiconductors PESD1USB3S Datasheet HTML 10Page - NXP Semiconductors PESD1USB3S Datasheet HTML 11Page - NXP Semiconductors PESD1USB3S Datasheet HTML 12Page - NXP Semiconductors PESD1USB3S Datasheet HTML 13Page - NXP Semiconductors PESD1USB3S Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 26 April 2016
10 of 19
NXP Semiconductors
PESDxUSB3S series
ESD protection for differential data lines
7.
Application information
The device is designed to provide high-level ESD protection for differential high-speed
data line pairs such as:
USB 3.1
HDMI 2.0
Transition-Minimized Differential Signaling (TMDS)
DisplayPort
external Serial Advanced Technology Attachment (eSATA)
Low Voltage Differential Signaling (LVDS)
When designing the PCB, give careful consideration to impedance matching and signal
coupling. Do not connect the protected signal lines to unlimited current sources like, for
example, a battery.
Since the SuperSpeed TX/RX lines are separated by GND or VBUS from the Hi-Speed
lines, PESD1USB3S makes it easy to achieve same signal lengths, straight routing, and
optimal positioning for ESD protection directly at the connector.
Fig 14. Application diagram: protecting the differential data lines of a USB Type-C
connector evaluation dongle with PESD1USB3S


Similar Part No. - PESD1USB3S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1USB3S NXP-PESD1USB3S Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
PESD1USB3S NXP-PESD1USB3S Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Nexperia B.V. All right...
PESD1USB3S NEXPERIA-PESD1USB3S Datasheet
1,002Kb / 16P
   ESD protection for differential data lines
PESD1USB3S NEXPERIA-PESD1USB3S Datasheet
1,001Kb / 16P
   ESD protection for differential data lines
Rev. 4 - 30 January 2019
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
More results

Similar Description - PESD1USB3S

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
   ESD protection for differential data lines
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
PESD2USB3SZ NXP-PESD2USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Nexperia B.V. All right...
PESDXUSB3B_SER NEXPERIA-PESDXUSB3B_SER Datasheet
1Mb / 18P
   ESD protection for differential data lines
Rev. 2 - 29 January
PESDXUSB3S_SER NEXPERIA-PESDXUSB3S_SER Datasheet
1,001Kb / 16P
   ESD protection for differential data lines
Rev. 4 - 30 January 2019
PESDXUSB30 NEXPERIA-PESDXUSB30 Datasheet
3Mb / 19P
   ESD protection for differential data lines
PESDXUSB30_SER NEXPERIA-PESDXUSB30_SER Datasheet
3Mb / 19P
   ESD protection for differential data lines
Rev. 2 - 26 April 2016
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
   ESD protection for 48V lines
2 May 2022
logo
ON Semiconductor
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com