Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN746X Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PN746X
Description  NFC Cortex-M0 microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN746X Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PN746X Datasheet HTML 4Page - NXP Semiconductors PN746X Datasheet HTML 5Page - NXP Semiconductors PN746X Datasheet HTML 6Page - NXP Semiconductors PN746X Datasheet HTML 7Page - NXP Semiconductors PN746X Datasheet HTML 8Page - NXP Semiconductors PN746X Datasheet HTML 9Page - NXP Semiconductors PN746X Datasheet HTML 10Page - NXP Semiconductors PN746X Datasheet HTML 11Page - NXP Semiconductors PN746X Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
PN746X_736X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 5 April 2016
369231
8 of 86
NXP Semiconductors
PN746X_736X
NFC Cortex-M0 microcontroller
DWL_REQ
12
entering in download mode
IRQ
13
interrupt request output
SWDCLK
14
SW serial debug line clock
SWDIO
15
SW serial debug line input/output
GPIO1
16
general-purpose I/O/SPI master select2 output
GPIO2
17
general-purpose I/O
GPIO3
18
general-purpose I/O
GPIO4
19
general-purpose I/O
GPIO5
20
general-purpose I/O
GPIO6
21
general-purpose I/O
GPIO7
22
general-purpose I/O
GPIO8
23
general-purpose I/O
GPIO9
24
general-purpose I/O
GPIO10
25
general-purpose I/O
GPIO11
26
general-purpose I/O
GPIO12
27
general-purpose I/O
RXN
28
receiver input
RXP
29
receiver input
VMID
30
receiver reference voltage input
TX2
31
antenna driver output
TVSS
32
ground for antenna power supply
TX1
33
antenna driver output
TVDD_IN
34
antenna driver supply voltage input
ANT1
35
antenna connection for load modulation in card emulation and P2P passive target modes
ANT2
36
antenna connection for load modulation in card emulation and P2P passive target modes
TVDD_OUT
37
antenna driver supply, output of TX_LDO
VUP_TX
38
supply of the contactless TX_LDO
VDD
39
1.8 V regulator output for digital blocks
XTAL1
40
27.12 MHz clock input for crystal
XTAL2
41
27.12 MHz clock input for crystal
RST_N
42
reset pin
VBUS
43
main supply voltage input of microcontroller
PVDD_OUT
44
output of PVDD_LDO for pad voltage supply
GNDP
45
ground for the contact interface
SAM
46
DC-to-DC converter connection
SCVDD
47
input LDO for DC-to-DC converter
VBUSP
48
main supply for the contact interface
SAP
49
DC-to-DC converter connection
VUP
50
reserved; connected to GND through a decoupling capacitance
VCC
51
card supply output of contact interface
RST
52
reset pin of contact interface
Table 3.
Pin description …continued
Symbol
Pin
Description


Similar Part No. - PN746X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
   First all-in-one full NFC controller solution
2016
PN7462 NXP-PN7462 Datasheet
2Mb / 58P
   PN7462AU Quick Start Guide - Customer Board
Rev. 1.0-29 March 2016
More results

Similar Description - PN746X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7360AUHN NXP-PN7360AUHN Datasheet
716Kb / 86P
   NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
PN736X NXP-PN736X Datasheet
746Kb / 80P
   NFC Cortex-M0 microcontroller
Rev. 3.3 - 7 September 2017
logo
Princeton Technology Co...
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
   ARM 짰 Cortex??M0 Microcontroller
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
   ARM 짰 Cortex??M0 Microcontroller
PT32U301 PTC-PT32U301 Datasheet
494Kb / 9P
   ARM 짰 Cortex??M0 Microcontroller
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com