Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3USB3S Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD3USB3S
Description  ESD protection for differential data lines
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD3USB3S Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD3USB3S Datasheet HTML 2Page - NXP Semiconductors PESD3USB3S Datasheet HTML 3Page - NXP Semiconductors PESD3USB3S Datasheet HTML 4Page - NXP Semiconductors PESD3USB3S Datasheet HTML 5Page - NXP Semiconductors PESD3USB3S Datasheet HTML 6Page - NXP Semiconductors PESD3USB3S Datasheet HTML 7Page - NXP Semiconductors PESD3USB3S Datasheet HTML 8Page - NXP Semiconductors PESD3USB3S Datasheet HTML 9Page - NXP Semiconductors PESD3USB3S Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 26 April 2016
6 of 19
NXP Semiconductors
PESDxUSB3S series
ESD protection for differential data lines
Fig 4.
USB3.1 eye diagram 10 Gbps, test board with PESD3USB3S; typical values
Fig 5.
USB3.1 eye diagram 10 Gbps, test board without device; typical values
aaa-012322
aaa-021323


Similar Part No. - PESD3USB3S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3USB3S NXP-PESD3USB3S Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
PESD3USB3S NXP-PESD3USB3S Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Nexperia B.V. All right...
PESD3USB3S NEXPERIA-PESD3USB3S Datasheet
1,002Kb / 16P
   ESD protection for differential data lines
PESD3USB3S NEXPERIA-PESD3USB3S Datasheet
1,001Kb / 16P
   ESD protection for differential data lines
Rev. 4 - 30 January 2019
logo
NXP Semiconductors
PESD3USB3SZ NXP-PESD3USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
More results

Similar Description - PESD3USB3S

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
   ESD protection for differential data lines
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
PESD3USB3SZ NXP-PESD3USB3SZ Datasheet
1Mb / 19P
   ESD protection for differential data lines
Rev. 3-26 April 2016
logo
Nexperia B.V. All right...
PESDXUSB3B_SER NEXPERIA-PESDXUSB3B_SER Datasheet
1Mb / 18P
   ESD protection for differential data lines
Rev. 2 - 29 January
PESDXUSB3S_SER NEXPERIA-PESDXUSB3S_SER Datasheet
1,001Kb / 16P
   ESD protection for differential data lines
Rev. 4 - 30 January 2019
PESDXUSB30 NEXPERIA-PESDXUSB30 Datasheet
3Mb / 19P
   ESD protection for differential data lines
PESDXUSB30_SER NEXPERIA-PESDXUSB30_SER Datasheet
3Mb / 19P
   ESD protection for differential data lines
Rev. 2 - 26 April 2016
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
   ESD protection for 48V lines
2 May 2022
logo
ON Semiconductor
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com