Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGJ2 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # MGJ2
Description  5.2kVDC Isolated 2W Gate Drive DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MGJ2 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  MGJ2 Datasheet HTML 1Page - Murata Power Solutions Inc. MGJ2 Datasheet HTML 2Page - Murata Power Solutions Inc. MGJ2 Datasheet HTML 3Page - Murata Power Solutions Inc. MGJ2 Datasheet HTML 4Page - Murata Power Solutions Inc. MGJ2 Datasheet HTML 5Page - Murata Power Solutions Inc. MGJ2 Datasheet HTML 6Page - Murata Power Solutions Inc. MGJ2 Datasheet HTML 7Page - Murata Power Solutions Inc. MGJ2 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MGJ2 Series
5.2kVDC Isolated 2W Gate Drive DC/DC Converters
KDC_MGJ2_D01 Page 1 of 8
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code
V
V
V
mA
%
mVp-p
%
pF
kHrs
MGJ2D051505SC
5
15
-5
80
40
360
5.7
7
30
50
71
76
2.8
2095
MGJ2D051509SC
5
15 -8.7
80
40
390
6
7
30
50
73
77.5
3.3
1902
MGJ2D051515SC
5
15
-15
67
67
492
6.5
7
20
35
76
79
4
2629
MGJ2D052005SC
5
20
-5
80
40
440
6.2
8
30
50
74
78.5
3.3
1655
MGJ2D121505SC
12
15
-5
80
40
150
4.7
6
30
50
76
80
2.9
2339
MGJ2D121509SC
12
15 -8.7
80
40
155
5.3
7.5
30
50
76
80
3.5
2296
MGJ2D121515SC
12
15
-15
67
67
203
6.0
7
24
40
78
82
4
2707
MGJ2D122005SC
12
20
-5
80
40
195
5.5
8
30
45
78
82
3.3
1799
MGJ2D151505SC
15
15
-5
80
40
120
5
7
30
50
75
80
2.9
2374
MGJ2D151509SC
15
15 -8.7
80
40
130
5
7
30
50
76
80
4
2736
MGJ2D151515SC
15
15
-15
67
67
167
5.5
7
23
35
75
79
4
2100
MGJ2D152005SC
15
20
-5
80
40
145
6
8
30
50
78
81
3.4
1864
MGJ2D241505SC
24
15
-5
80
40
75
4.6
7
30
50
75
80.5
2.7
2194
MGJ2D241509SC
24
15 -8.7
80
40
80
4.8
7
30
50
77
82
3.5
2275
MGJ2D242005SC
24
20
-5
80
40
90
6
8
30
50
78
82
3.5
1725
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types
10.8
12
13.2
Continuous operation, 15V input types
13.5
15
16.5
Continuous operation, 24V input types
21.6
24
26.4
Input reflected ripple
5V input types
40
mA
12V & 15V input types
20
24V input types
15
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40
ºC to 100ºC
2W
Voltage Set Point Accuracy
See tolerance envelopes
Line regulation
High VIN to low VIN
1.0
1.1
%/%
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
Continuous
Lead temperature 1mm from case for 10 seconds
260°C
Input voltage VIN, MGJ2D05xxxxSC
5.5V
Input voltage VIN, MGJ2D12xxxxSC
13.2V
Input voltage VIN, MGJ2D15xxxxSC
16.5V
Input voltage VIN, MGJ2D24xxxxSC
26.4V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
5200
VDC
Resistance
Viso= 500VDC
1
1. Calculated using MIL-HDBK-217 FN2 calculation model with nominal input voltage at full load.
2. See ripple & noise test method.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
Optimised bipolar output voltages for IGBT/
Mosfet gate drives
Reinforced insulation to UL60950 recognised
UL60601 (3rd Ed) pending recognition
Power density 0.81W/cm3
5.2kVDC isolation test voltage ‘Hi Pot Test’
Ultra low coupling capacitance
Footprint 1.96cm2
SIP package style
5V, 12V, 15V & 24V inputs
+15V/-15,V +15V/-5V, +15V/-8.7V & +20V/
-5V outputs
Operation to 100 oC
Characterised dv/dt immunity
Characterised partial discharge performance
PRODUCT OVERVIEW
The MGJ2 series of DC-DC converters is ideal
for powering ‘high side’ and ‘low side’ gate drive
circuits for IGBTs and Mosfets in bridge circuits.
A choice of asymmetric output voltages allows
optimum drive levels for best system efficiency
and EMI. The MGJ2 series is characterised for high
isolation and dv/dt requirements commonly seen in
bridge circuits used in motor drives and inverters,
while the MGJ2 industrial grade temperature
rating and construction gives long service life and
reliability.


Similar Part No. - MGJ2

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ2B MURATA-PS-MGJ2B Datasheet
2Mb / 22P
   5.4kVDC Isolated 2W Gate Drive DC-DC Converters
2023
MGJ2D051505BSC MURATA-PS-MGJ2D051505BSC Datasheet
2Mb / 22P
   5.4kVDC Isolated 2W Gate Drive DC-DC Converters
2023
MGJ2D051505MPC4 MURATA-PS-MGJ2D051505MPC4 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
MGJ2D051509BSC MURATA-PS-MGJ2D051509BSC Datasheet
2Mb / 22P
   5.4kVDC Isolated 2W Gate Drive DC-DC Converters
2023
MGJ2D051509MPC4 MURATA-PS-MGJ2D051509MPC4 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
More results

Similar Description - MGJ2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
   5.2kVDC Isolated 2W DC/DC Converters
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
   5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
MGJ2 MURATA-PS-MGJ2_V01 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX_V01 Datasheet
365Kb / 5P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com