Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGJ3T24150505MC Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # MGJ3T24150505MC
Description  5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MGJ3T24150505MC Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button MGJ3T24150505MC Datasheet HTML 2Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 3Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 4Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 5Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 6Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 7Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 8Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 9Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 10Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MGJ3 Series
5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
KDC_MGJ3C.E01 Page 8 of 10
www.murata-ps.com/support
EMC FILTERING AND SPECTRA
FILTERING
TO MEET CURVE B
Part Number
C1
L1
L2
C2
C3
R1
C4
MGJ3T05150505MC 1.5µF
476R8SC
10nF
10nF
500m220µF
MGJ3T12150505MC 1.5µF
476R8SC
10nF
10nF
500m220µF
MGJ3T24150505MC 1.5µF
476R8SC
10nF
10nF
500m220µF
MGJ3T05150505MC
MGJ3T12150505MC
MGJ3T24150505MC
0
10
20
30
40
50
60
70
80
90
100
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
The following filter circuit and filter table shows the input filters typically required to meet EN55022 Quasi-PeakCurve A or B.
C1
L1
C2
C3
DC
DC
C4
R1
L2
C1, C2 & C3 Polyester or ceramic capacitor
C4
Electrolytic capacitor (note R1 could be omitted if C4 has ESR >= R1)


Similar Part No. - MGJ3T24150505MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ3T24150505MC MURATA-PS-MGJ3T24150505MC Datasheet
981Kb / 14P
   5.2kVDC Isolated 3W Gate Drive SM DC-DC Converters
2024
More results

Similar Description - MGJ3T24150505MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
MGJ2 MURATA-PS-MGJ2 Datasheet
214Kb / 8P
   5.2kVDC Isolated 2W Gate Drive DC/DC Converters
MGJ1 MURATA-PS-MGJ1 Datasheet
508Kb / 23P
   5.7kVDC Isolated 1W SM Gate Drive DC-DC Converters
2021
MGJ2 MURATA-PS-MGJ2_V01 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
MGN1 MURATA-PS-MGN1 Datasheet
997Kb / 21P
   3kVAC Isolated 1W SM GaN Gate Drive DC-DC Converters
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
   5.2kVDC Isolated 2W DC/DC Converters
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com