Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGJ3T24150505MC Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # MGJ3T24150505MC
Description  5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MGJ3T24150505MC Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button MGJ3T24150505MC Datasheet HTML 2Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 3Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 4Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 5Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 6Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 7Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 8Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 9Page - Murata Power Solutions Inc. MGJ3T24150505MC Datasheet HTML 10Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MGJ3 Series
5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
KDC_MGJ3C.E01 Page 9 of 10
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
1
-Vin
3
Dis/Sync
7
5VA RTN
5VB
8
5VB RTN
9
15V RTN
5VA
10
15 Vout
16
+Vin
RECOMMENDED FOOTPRINT DETAILS
1
3
7
8
16
10
9
22.61±0.10 [0.890±0.004]
14.19±0.45 [0.559±0.018]
23.11±0.10 [0.910±0.004]
2.67±0.23 [0.105±0.009]
1.78±0.27 [0.070±0.011]
SMA PICKUP POINT
(TOP OF FERRITE CORE)
13.99±0.45 [0.551±0.018]
SMA
PICKUP POINT
S
SEATING PLANE
17.78±0.25 [0.700±0.010]
15.24±0.25 [0.600±0.010]
5.08±0.25 [0.200±0.010]
19.05±0.33 [0.750±0.013]
x7 PINS
1.60±0.05 [0 .063±0.002]
x7 PINS
2.29±0.08 [0.090±0.003]
x7 PINS
0.10 S
All dimensions in mm (inches), Controlling dimensions is mm.
Components shown for reference only
Weight: 10.70g
x7 PLACES
2.16 [0.085]
5.08 [0.200]
15.24 [0.600]
17.78 [0.700]
x7 PLACES
3.38 [0.133]
RECOMMENDED
ISOLATION BARRIER
19.05 [0.750]
2.54 [0.100]
2.54 [0.100]


Similar Part No. - MGJ3T24150505MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ3T24150505MC MURATA-PS-MGJ3T24150505MC Datasheet
981Kb / 14P
   5.2kVDC Isolated 3W Gate Drive SM DC-DC Converters
2024
More results

Similar Description - MGJ3T24150505MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
MGJ2 MURATA-PS-MGJ2 Datasheet
214Kb / 8P
   5.2kVDC Isolated 2W Gate Drive DC/DC Converters
MGJ1 MURATA-PS-MGJ1 Datasheet
508Kb / 23P
   5.7kVDC Isolated 1W SM Gate Drive DC-DC Converters
2021
MGJ2 MURATA-PS-MGJ2_V01 Datasheet
1Mb / 21P
   5.7kVDC Isolated 2W SM Gate Drive DC-DC Converters
2021
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
MGN1 MURATA-PS-MGN1 Datasheet
997Kb / 21P
   3kVAC Isolated 1W SM GaN Gate Drive DC-DC Converters
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
   5.2kVDC Isolated 2W DC/DC Converters
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com