Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5061B-3L3 Datasheet(PDF) 11 Page - Keysight Technologies

Part # E5061B-3L3
Description  Network Analyzer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E5061B-3L3 Datasheet(HTML) 11 Page - Keysight Technologies

Back Button E5061B-3L3 Datasheet HTML 7Page - Keysight Technologies E5061B-3L3 Datasheet HTML 8Page - Keysight Technologies E5061B-3L3 Datasheet HTML 9Page - Keysight Technologies E5061B-3L3 Datasheet HTML 10Page - Keysight Technologies E5061B-3L3 Datasheet HTML 11Page - Keysight Technologies E5061B-3L3 Datasheet HTML 12Page - Keysight Technologies E5061B-3L3 Datasheet HTML 13Page - Keysight Technologies E5061B-3L3 Datasheet HTML 14Page - Keysight Technologies E5061B-3L3 Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Table 9. Corrected system performance with Type-N 75 Ω connectors, 85036B calibration kit,
enhanced response calibration
Network analyzer: E5061B-117/137/217/237, calibration kit: 85036B (Type-N, 75 Ω), calibration:
enhanced response calibration
IF bandwidth = 10 Hz, No averaging applied to data, environmental temperature
= 23 °C ± 5 °C with < 1 °C deviation from calibration temperature, isolation calibration not omitted
Description
Specification (dB)
100 kHz to 300 kHz
300 kHz to 1 MHz
1 MHz to 3 GHz
Directivity
49
48
44
Source match
48
41
35
Load match
48
48
44
Reflection tracking
0.004
0.010
0.019
Transmission tracking
0.022
0.028
0.052
Figure 15. Transmission uncertainty (specification)
Figure 16. Reflection uncertainty (specification)
11 | Keysight | E5061B Network Analyzer, 100 kHz to 1.5/3 GHz, 5 Hz to 500 M/1.5 G/3 GHz - Data Sheet


Similar Part No. - E5061B-3L3

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
E506001 BELDEN-E506001 Datasheet
250Kb / 2P
   Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
logo
Keysight Technologies
E5063A KEYSIGHT-E5063A Datasheet
3Mb / 23P
   ENA Series Network Analyzer
More results

Similar Description - E5061B-3L3

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DA3600A JDSU-DA3600A Datasheet
505Kb / 6P
   Data Network Analyzer
logo
Agilent(Hewlett-Packard...
8757D HP-8757D Datasheet
296Kb / 14P
   Scalar Network Analyzer
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Keysight Technologies
E5071C KEYSIGHT-E5071C Datasheet
2Mb / 54P
   E5071C ENA Network Analyzer
E5063A KEYSIGHT-E5063A Datasheet
3Mb / 23P
   ENA Series Network Analyzer
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
logo
JDS Uniphase Corporatio...
DA3200-T1 JDSU-DA3200-T1 Datasheet
190Kb / 4P
   DA-3200 Data Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com