Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5224A Datasheet(PDF) 7 Page - Keysight Technologies

Part # N5224A
Description  Keysight 2-Port and 4-Port PNA Network Analyzer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5224A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N5224A Datasheet HTML 3Page - Keysight Technologies N5224A Datasheet HTML 4Page - Keysight Technologies N5224A Datasheet HTML 5Page - Keysight Technologies N5224A Datasheet HTML 6Page - Keysight Technologies N5224A Datasheet HTML 7Page - Keysight Technologies N5224A Datasheet HTML 8Page - Keysight Technologies N5224A Datasheet HTML 9Page - Keysight Technologies N5224A Datasheet HTML 10Page - Keysight Technologies N5224A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7
Table 1a. System Dynamic Range and Receiver Dynamic Range, N5224A, Option 200, 400
Description
Specification
Typical
System
Dynamic
Range
(dB)
(A)-(B)
Max
Leveled
Output
Power
(dBm)
(A)
Test Port
Noise Floor
(dBm)
(B)
Receiver
Dynamic
Range (dB)
(C)-(D)
0.1 dB
Compression
at Test Port
(dBm)
(C)
Test Port
Noise Floor
(dBm)
(D)
10 MHz to 50 MHz
82
12
-70
90
15
-75
50 MHz to 100 MHz
98
13
-85
106
15
-91
100 MHz to 250 MHz
108
13
-95
112
12
-100
250 MHz to 500 MHz
115
13
-102
119
12
-107
500 MHz to 1 GHz
119
13
-106
124
12
-112
1 GHz to 10 GHz
127
13
-114
130
12
-118
10 GHz to 26.5 GHz
127
13
-114
132
12
-120
26.5 GHz to 35 GHz
123
13
-110
128
12
-116
35 GHz to 40 GHz
118
10
-108
128
12
-116
40 GHz to 43.5 GHz
118
10
-108
124
10
-114


Similar Part No. - N5224A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
N522 GILWAY-N522 Datasheet
84Kb / 1P
   Neon Glow Lamps (High Brightness) with Dark Effect
logo
Keysight Technologies
N5221A KEYSIGHT-N5221A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5222A KEYSIGHT-N5222A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5225A KEYSIGHT-N5225A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5227A KEYSIGHT-N5227A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
More results

Similar Description - N5224A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5222A KEYSIGHT-N5222A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5227A KEYSIGHT-N5227A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5221A KEYSIGHT-N5221A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5225A KEYSIGHT-N5225A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5231A KEYSIGHT-N5231A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5232A KEYSIGHT-N5232A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5239A KEYSIGHT-N5239A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5241A KEYSIGHT-N5241A Datasheet
2Mb / 62P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5245A KEYSIGHT-N5245A Datasheet
2Mb / 79P
   Keysight 2-Port and 4-Port PNA-X Network Analyzer
N5235A KEYSIGHT-N5235A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com