Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5080A-495 Datasheet(PDF) 2 Page - Keysight Technologies

Part # E5080A-495
Description  E5080A ENA Series Network Analyzer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E5080A-495 Datasheet(HTML) 2 Page - Keysight Technologies

  E5080A-495 Datasheet HTML 1Page - Keysight Technologies E5080A-495 Datasheet HTML 2Page - Keysight Technologies E5080A-495 Datasheet HTML 3Page - Keysight Technologies E5080A-495 Datasheet HTML 4Page - Keysight Technologies E5080A-495 Datasheet HTML 5Page - Keysight Technologies E5080A-495 Datasheet HTML 6Page - Keysight Technologies E5080A-495 Datasheet HTML 7Page - Keysight Technologies E5080A-495 Datasheet HTML 8Page - Keysight Technologies E5080A-495 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
02 | Keysight | E5080A ENA Series Network Analyzer, E5092A Configurable Multiport Test Set - Data Sheet
Options
This document provides technical specifications for the E5080A ENA network analyzer.
E5080A-245
2-port test set, 9 kHz to 4.5 GHz, with bias tees
E5080A-265
2-port test set, 9 kHz to 6.5 GHz, with bias tees
E5080A-295
2-port test set, 9 kHz to 9 GHz, with bias tees
E5080A-445
4-port test set, 9 kHz to 4.5 GHz, with bias tees
E5080A-465
4-port test set, 9 kHz to 6.5 GHz, with bias tees
E5080A-495
4-port test set, 9 kHz to 9 GHz, with bias tees
Calibration kits and ECal modules
This E5080A data sheet also provides technical specifications for the following
calibration kits and ECal modules. For models not listed in this data sheet, please
download the free Uncertainty Calculator from (http://www.keysight.com/find/na_
calculator)to generate the curves for your calibration kit and enable ENA setup.
85032F
Calibration kit
85033E
Calibration kit
85092C
Electronic calibration (ECal) module
85093C
Electronic calibration (ECal) module
Definitions
Specification (spec.):
Warranted performance. All specifications apply at 25 ºC (± 5 ºC), unless otherwise
stated, and 90 minutes after the instrument has been turned on. Specifications
include guard bands to account for the expected statistical performance distribution,
measurement uncertainties, and changes in performance due to environmental
conditions.
Typical (typ.):
Expected performance of an average unit which does not include guardbands. It is not
covered by the product warranty.
General characteristics:
A general, descriptive term that does not imply a level of performance.


Similar Part No. - E5080A-495

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
E508001 BELDEN-E508001 Datasheet
96Kb / 2P
   Cord Sets - DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set
E508001010S1 BELDEN-E508001010S1 Datasheet
96Kb / 2P
   Cord Sets - DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set
More results

Similar Description - E5080A-495

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5063A KEYSIGHT-E5063A Datasheet
3Mb / 23P
   ENA Series Network Analyzer
E5072A KEYSIGHT-E5072A Datasheet
5Mb / 23P
   E5072A ENA Series Network Analyzer
E5071C KEYSIGHT-E5071C Datasheet
2Mb / 54P
   E5071C ENA Network Analyzer
E5061B KEYSIGHT-E5061B Datasheet
3Mb / 35P
   Network Analyzer
logo
JDS Uniphase Corporatio...
DA3600A JDSU-DA3600A Datasheet
505Kb / 6P
   Data Network Analyzer
logo
Agilent(Hewlett-Packard...
8757D HP-8757D Datasheet
296Kb / 14P
   Scalar Network Analyzer
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com