Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMUSB202MC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # NMUSB202MC
Description  Powered Dual Port USB Data Isolator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NMUSB202MC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  NMUSB202MC Datasheet HTML 1Page - Murata Power Solutions Inc. NMUSB202MC Datasheet HTML 2Page - Murata Power Solutions Inc. NMUSB202MC Datasheet HTML 3Page - Murata Power Solutions Inc. NMUSB202MC Datasheet HTML 4Page - Murata Power Solutions Inc. NMUSB202MC Datasheet HTML 5Page - Murata Power Solutions Inc. NMUSB202MC Datasheet HTML 6Page - Murata Power Solutions Inc. NMUSB202MC Datasheet HTML 7Page - Murata Power Solutions Inc. NMUSB202MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NMUSB202MC
Powered Dual Port USB Data Isolator
KDC_NMUSB202MC.B01 Page 2 of 8
www.murata-ps.com/support
DC-DC CHARACTERISTICS
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation
4.5
5
5.5
V
Current (hub inactive)
5V input
70
mA
Current (hub active) 0% load
5V input
110
mA
Current 100% load
5V input
1.3
A
Input reflected ripple current
5V input
31
mA(rms)
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Downstream voltages
5V output
4.75
5
5.25
V
Transient response
Peak deviation (0-50-0% & 50-100-50% swing)
-5
+3
%Vout
Settling time
40
400
μs
MODULE CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
See derating curve
-40
85
°C
Storage
-50
105
Product temperature rise above ambient
100% Load, Nom VIN, Still Air (measured on tranformer core)
31
37
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
3000
VAC
Resistance
Viso = 1kVDC
20
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Leakage current
250 VAC 50Hz
1.31
1.35
μA
Common mode transient immunity
ESD rating
Rated on model
2000
V
MTTF
Calculated using MIL-HDBK-217 FN2 calculation model with nominal input
voltage at full load, 25°C ambient temperature
600
kHrs
Calculated using Telecordia SR-332 calculation model with nominal input
voltage at full load, 25°C ambient temperature
3300
kHrs
ABSOLUTE MAXIMUM RATINGS
Parameter
Conditions
Value
Short-circuit protection
Downstream USB 5V
Continuous
Input voltage
Upstream USB 5V supply
5.5V


Similar Description - NMUSB202MC

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
   Loop Powered Isolator
logo
Advantech Co., Ltd.
BB-UH401 ADVANTECH-BB-UH401 Datasheet
219Kb / 1P
   Single Port, Compact USB Isolator
27-Nov-2019
BB-UH401-2KV ADVANTECH-BB-UH401-2KV Datasheet
494Kb / 2P
   Single Port, Compact USB Isolator
logo
M-System Co.,Ltd.
LDSN MSYSTEM-LDSN Datasheet
114Kb / 3P
   INPUT LOOP POWERED ISOLATOR
logo
Silicon Laboratories
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
CMAXQUSB MAXIM-CMAXQUSB Datasheet
268Kb / 16P
   USB Powered
Rev 2; 12/10
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
logo
Maxim Integrated Produc...
MAX1452EVKIT MAXIM-MAX1452EVKIT Datasheet
2Mb / 21P
   USB Powered
2021
logo
Silicon Laboratories
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
SI535X-24QSOP-EVB SILABS-SI535X-24QSOP-EVB Datasheet
404Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com